Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104N Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104N
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104N Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104N Datasheet HTML 6Page - Cypress Semiconductor CY14B104N Datasheet HTML 7Page - Cypress Semiconductor CY14B104N Datasheet HTML 8Page - Cypress Semiconductor CY14B104N Datasheet HTML 9Page - Cypress Semiconductor CY14B104N Datasheet HTML 10Page - Cypress Semiconductor CY14B104N Datasheet HTML 11Page - Cypress Semiconductor CY14B104N Datasheet HTML 12Page - Cypress Semiconductor CY14B104N Datasheet HTML 13Page - Cypress Semiconductor CY14B104N Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PRELIMINARY
CY14B104L, CY14B104N
Document #: 001-07102 Rev. *F
Page 10 of 22
AutoStore/Power Up RECALL
Parameters
Description
CY14B104L/CY14B104N
Unit
Min
Max
tHRECALL
[14]
Power Up RECALL Duration
20
ms
tSTORE
[15]
STORE Cycle Duration
15
ms
VSWITCH
Low Voltage Trigger Level
2.65
V
tVCCRISE
VCC Rise Time
150
μs
Software Controlled STORE/RECALL Cycle
In the following table, the software controlled STORE/RECALL cycle parameters are listed.[16, 17]
Parameters
Description
15ns
25ns
45ns
Unit
Min
Max
Min
Max
Min
Max
tRC
STORE/RECALL Initiation Cycle Time
15
25
45
ns
tAS
Address Setup Time
0
0
0
ns
tCW
Clock Pulse Width
12
20
30
ns
tGHAX
Address Hold Time
1
1
1
ns
tRECALL
RECALL Duration
100
100
100
μs
tSS
[18, 19]
Soft Sequence Processing Time
70
70
70
μs
Hardware STORE Cycle
Parameters
Description
CY14B104L/CY14B104N
Unit
Min
Max
tDELAY
[20]
Time allowed to complete SRAM Cycle
1
70
μs
tHLHX
Hardware STORE Pulse Width
15
ns
Switching Waveforms
Figure 5. SRAM Read Cycle #1: Address Controlled[10, 11, 21]
tRC
tAA
tOHA
ADDRESS
DQ (DATA OUT)
DATA VALID
Notes
14. tHRECALL starts from the time VCC rises above VSWITCH.
15. If an SRAM Write has not taken place since the last nonvolatile cycle, no STORE takes place.
16. The software sequence is clocked with CE controlled or OE controlled reads.
17. The six consecutive addresses must be read in the order listed in the mode selection table. WE must be HIGH during all six consecutive cycles.
18. This is the amount of time it takes to take action on a soft sequence command.Vcc power must remain HIGH to effectively register command.
19. Commands such as STORE and RECALL lock out IO until operation is complete which further increases this time. See the specific command
20. Read and write cycles are in progress before HSB are supplied this amount of time to complete.
21. HSB must remain HIGH during READ and WRITE cycles.
[+] Feedback


Similar Part No. - CY14B104N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104N CYPRESS-CY14B104N Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N CYPRESS-CY14B104N Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA15XCT CYPRESS-CY14B104N-BA15XCT Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA15XI CYPRESS-CY14B104N-BA15XI Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA15XIT CYPRESS-CY14B104N-BA15XIT Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com