Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22E016L Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22E016L
Description  16 Kbit (2K x 8) nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22E016L Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22E016L Datasheet HTML 1Page - Cypress Semiconductor CY22E016L Datasheet HTML 2Page - Cypress Semiconductor CY22E016L Datasheet HTML 3Page - Cypress Semiconductor CY22E016L Datasheet HTML 4Page - Cypress Semiconductor CY22E016L Datasheet HTML 5Page - Cypress Semiconductor CY22E016L Datasheet HTML 6Page - Cypress Semiconductor CY22E016L Datasheet HTML 7Page - Cypress Semiconductor CY22E016L Datasheet HTML 8Page - Cypress Semiconductor CY22E016L Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY22E016L
Document Number: 001-06727 Rev. *D
Page 2 of 14
Pin Configurations
Pin Definitions
Pin Name
IO Type
Description
A0–A10
Input
Address Inputs. Used to select one of the 2,048 bytes of the nvSRAM.
DQ0-DQ7
Input/Output Bidirectional Data IO lines. Used as input or output lines depending on operation.
WE
Input
Write Enable Input, Active LOW. When selected LOW, this writes data on the IO pins to the address
location latched by the falling edge of CE.
CE
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. Deasserting OE HIGH causes the IO pins to tri-state.
VSS
Ground
Ground for the Device. Is connected to ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
HSB
Input/Output Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in progress.
When pulled low external to the chip, it initiates a non-volatile STORE operation. A weak internal pull
up resistor keeps this pin HIGH if not connected (connection optional).
VCAP
Power Supply AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from SRAM to
non-volatile elements.
NC
No Connect
No Connects. This pin is not connected to the die.
VCAP
A7
A6
A5
A4
VCC
HSB
WE
A8
A9
OE
A10
DQ6
DQ7
DQ5
CE
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VSS
DQ0
A3
A2
A1
A0
DQ1
DQ2
28-SOIC
Top View
(Not To Scale)
NC
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
[+] Feedback


Similar Part No. - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XCT CYPRESS-CY22E016L-SZ25XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ35XCT CYPRESS-CY22E016L-SZ35XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ35XIT CYPRESS-CY22E016L-SZ35XIT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ45XCT CYPRESS-CY22E016L-SZ45XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
More results

Similar Description - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com