Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ964DN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OZ964DN
Description  Change Summary
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964DN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OZ964DN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964DN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OZ964
CONFIDENTIAL
OZ964-DS-1.2
Page 2
PIN DESCRIPTION
Names
Pin No.
Description
CTIMR
1
Timing capacitor to provide striking time and timing resistor to provide
shutdown delay time
OVP
2
Voltage feedback
ENA
3
Enable input
SST
4
Timing capacitor to provide Soft-Start Time
VDDA
5
Supply voltage
GNDA
6
Signal ground
REF
7
Reference voltage output
RT1
8
Timing resistor to provide striking frequency
FB
9
Current sense feedback
CMP
10
Voltage control loop compensation
NDR_D
11
N-MOSFET gate drive output
PDR_C
12
P-MOSFET gate drive output
LPWM
13
Low-frequency PWM signal for dimming control
DIM
14
DC voltage input for LPWM duty cycle
LCT
15
Timing capacitor to provide LPWM frequency
PGND
16
Power MOSFET driver ground
RT
17
Timing resistor to provide striking and operating frequency
CT
18
Timing capacitor to provide striking and operating frequency
PDR_A
19
P-MOSFET gate drive output
NDR_B
20
N-MOSFET gate drive output
ABSOLUTE MAXIMUM RATINGS(1)
VDDA
7.0V
GNDA, PGND
+/- 0.3V
Signal inputs
-0.3V to (VDDA +0.3)V
OZ964
OZ964I
Operating Temp.
0
oC to 70oC
-40
oC to +85oC
Operating junction temp.
125
oC
Storage temp.
-55
oC to 150 oC
RECOMMENDED OPERATING RANGE
VDDA
4.6V to 5.5V
fOP- operating frequency
40 kHz to 150kHz
(2)
Resistor connected to RT (RRT)
20 k
Ω to 150 kΩ
Capacitor connected to CT (CCT)
100pF to 470pF
fLF- LPWM frequency
100Hz to 500Hz
Thermal Impedance (
θJ-A)
-
20-pin SSOP
-
20-pin SOIC
80
oC/W
105
oC/W
Note
(1): The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be
guaranteed. The device should not be operated at these limits. The “Functional Specifications” table will
define the conditions for actual device operation. Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
Note
(2): The frequency of PDR_A, NDR_B, PDR_C, and NDR_D outputs pulses, fOP, is half of fosc value,
fOP =(fosc/2).


Similar Part No. - OZ964DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
More results

Similar Description - OZ964DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
   Change Summary
OZ9938 ETC1-OZ9938 Datasheet
352Kb / 12P
   Change Summary
OZ9939 ETC1-OZ9939 Datasheet
251Kb / 12P
   LCDM Inverter Controller Change Summary
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
   Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
   Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
   Item Summary
JMK063BC6105MP-F TAIYO-YUDEN-JMK063BC6105MP-F Datasheet
288Kb / 2P
   Item Summary
LMK325B7226MMHP TAIYO-YUDEN-LMK325B7226MMHP Datasheet
289Kb / 2P
   Item Summary
HMK325BJ475KM-PE TAIYO-YUDEN-HMK325BJ475KM-PE Datasheet
331Kb / 2P
   Item Summary
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
   PRODUCT SUMMARY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com