Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E064L-SZ25XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14E064L-SZ25XI
Description  64 Kbit (8K x 8) nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E064L-SZ25XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14E064L-SZ25XI Datasheet HTML 7Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 8Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 9Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 10Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 11Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 12Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 13Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 14Page - Cypress Semiconductor CY14E064L-SZ25XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY14E064L
Document Number: 001-06543 Rev. *D
Page 11 of 17
Switching Waveforms
Figure 5. SRAM Read Cycle 1: Address Controlled [4, 5, 14]
Figure 6. SRAM Read Cycle 2: CE Controlled [4,14]
tRC
tAA
tOH
ADDRESS
DQ (DATA OUT)
DATA VALID
ADDRESS
tRC
CE
tACE
tLZCE
tPD
tHZCE
OE
tDOE
tLZOE
tHZOE
DATA VALID
ACTIVE
STANDBY
tPU
DQ (DATA OUT)
ICC
Note
14. HSB must remain HIGH during READ and WRITE cycles.
[+] Feedback


Similar Part No. - CY14E064L-SZ25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E064L-SZ25XCT CYPRESS-CY14E064L-SZ25XCT Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
More results

Similar Description - CY14E064L-SZ25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com