Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E064L-SZ35XCT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14E064L-SZ35XCT
Description  64 Kbit (8K x 8) nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E064L-SZ35XCT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14E064L-SZ35XCT Datasheet HTML 6Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 7Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 8Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 9Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 10Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 11Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 12Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 13Page - Cypress Semiconductor CY14E064L-SZ35XCT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CY14E064L
Document Number: 001-06543 Rev. *D
Page 10 of 17
Software Controlled STORE/RECALL Cycle
The software controlled STORE/RECALL cycle follows. [10,11]
Parameter
Description
25 ns Part
45 ns Part
Unit
Min
Max
Min
Max
tRC
STORE/RECALL Initiation Cycle Time
25
45
ns
tAS
Address Setup Time
0
0
ns
tCW
Clock Pulse Width
20
30
ns
tGLAX
Address Hold Time
20
20
ns
tRECALL
RECALL Duration
20
20
μs
Hardware STORE Cycle
Parameter
Description
CY14E064L
Unit
Min
Max
tSTORE
[6]
STORE Cycle Duration
10
ms
tDELAY
[12]
Time Allowed to Complete SRAM Cycle
1
μs
tRESTORE
[13]
Hardware STORE High to Inhibit Off
700
ns
tHLHX
Hardware STORE Pulse Width
15
ns
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Notes
10. The software sequence is clocked with CE controlled READs.
11. The six consecutive addresses must be read in the order listed in the Mode Selection table. WE must be HIGH during all six consecutive cycles.
12. Read and Write cycles in progress before HSB are given this amount of time to complete.
13. tRESTOREis only applicable after tSTORE is complete.
[+] Feedback


Similar Part No. - CY14E064L-SZ35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E064L-SZ25XCT CYPRESS-CY14E064L-SZ25XCT Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L-SZ45XCT CYPRESS-CY14E064L-SZ45XCT Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
More results

Similar Description - CY14E064L-SZ35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com