Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23EP09SXC-1T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23EP09SXC-1T
Description  2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP09SXC-1T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23EP09SXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY23EP09SXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY23EP09
Document #: 38-07760 Rev. *B
Page 5 of 13
tLOCK
PLL Lock Time[9]
Stable power supply, valid clocks presented on
REF and CLKOUT pins
––
1.0
ms
TJCC
[9,10]
Cycle-to-cycle Jitter, Peak 3.3V supply, >66 MHz, <15 pF
25
55
ps
3.3V supply, >66 MHz, <30 pF, standard drive
65
125
ps
3.3V supply, >66 MHz, <30 pF, high drive
53
100
ps
2.5V supply, >66 MHz, <15 pF, standard drive
35
95
ps
2.5V supply, >66 MHz, <15 pF, high drive
30
65
ps
2.5V supply, >66 MHz, <30 pF, high drive
75
145
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
16
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
14
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
23
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
22
ps
TPER
[9,10]
Period Jitter, Peak
3.3V supply, 66–100 MHz, <15 pF
20
75
ps
3.3V supply, >100 MHz, <15 pF
15
45
ps
3.3V supply, >66 MHz, <30 pF, standard drive
40
100
ps
3.3V supply, >66 MHz, <30 pF, high drive
30
70
ps
2.5V supply, >66 MHz, <15 pF, standard drive
25
60
ps
2.5V supply, 66–100 MHz, <15 pF, high drive
25
60
ps
2.5V supply, >100 MHz, <15 pF, high drive
15
45
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
28
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
24
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
40
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
37
ps
Note:
10. Typical jitter is measured at 3.3V or 2.5V, 29°C, with all outputs driven into the maximum specified load. Further information regarding jitter specifications may
be found in the application note “Understanding Data Sheet Jitter Specifications for Cypress Clock Products.”
3.3V and 2.5V AC Electrical Specifications (continued)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Switching Waveforms
Duty Cycle Timing
t1
t2
VDD/2
VDD/2
VDD/2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V(2.5V)
0V
0.8V(0.6V)
2.0V(1.8V)
2.0V(1.8V)
0.8V(0.6V)
t4


Similar Part No. - CY23EP09SXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09SXC-1T CYPRESS-CY23EP09SXC-1T Datasheet
655Kb / 17P
   2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
More results

Similar Description - CY23EP09SXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05 CYPRESS-CY23EP05 Datasheet
392Kb / 12P
   2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY23EP09 CYPRESS-CY23EP09_11 Datasheet
655Kb / 17P
   2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com