Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104L-BA15XI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14B104L-BA15XI
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L-BA15XI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14B104L-BA15XI Datasheet HTML 2Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 3Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104L-BA15XI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PRELIMINARY
CY14B104L, CY14B104N
Document #: 001-07102 Rev. *F
Page 6 of 22
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore is re-enabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or re-enabled a manual
STORE operation (hardware or software) must be issued to save
the AutoStore state through subsequent power down cycles. The
part comes from the factory with AutoStore enabled.
Data Protection
The CY14B104L/CY14B104N protects data from corruption
during low voltage conditions by inhibiting all externally initiated
STORE and write operations. The low voltage condition is
detected when VCC < VSWITCH. If the CY14B104L/CY14B104N
is in a write mode (both CE and WE LOW) at power up, after a
RECALL or STORE, the write is inhibited until a negative
transition on CE or WE is detected. This protects against
inadvertent writes during power up or brown out conditions.
Noise Considerations
Refer CY Application Note AN1064.
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2
[4,5,6]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[4,5,6]
Table 1. Mode Selection (continued)
CE
WE
OE
A15 - A0
Mode
IO
Power
[+] Feedback


Similar Part No. - CY14B104L-BA15XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L-BA20XCT CYPRESS-CY14B104L-BA20XCT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA20XI CYPRESS-CY14B104L-BA20XI Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA20XIT CYPRESS-CY14B104L-BA20XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA25XI CYPRESS-CY14B104L-BA25XI Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA25XIT CYPRESS-CY14B104L-BA25XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L-BA15XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com