Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23FS04ZXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23FS04ZXI
Description  Failsafe??2.5V/ 3.3V Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS04ZXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23FS04ZXI Datasheet HTML 1Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 2Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 3Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 4Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 5Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 6Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 7Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 8Page - Cypress Semiconductor CY23FS04ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY23FS04
Document #: 38-07304 Rev. *C
Page 4 of 12
Failsafe typical frequency settling time
Initial valid Ref1=20MHz +100ppm,
then switching to REF2=20MHz
0
50
100
150
0
0.45
1.3
2.5
SETTLING TIME (ms)
Figure 4. FailSafe Reference Switching Behavior
Figure 5. FailSafe Effective Loop Bandwidth (min)


Similar Part No. - CY23FS04ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS04ZXI-3 CYPRESS-CY23FS04ZXI-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04ZXI-3T CYPRESS-CY23FS04ZXI-3T Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
More results

Similar Description - CY23FS04ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08_06 Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS04-2 CYPRESS-CY23FS04-2 Datasheet
374Kb / 12P
   Failsafe??2.5V/3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04 Datasheet
216Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com