Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28SRCZC-04T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28SRCZC-04T
Description  PCI-Express Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28SRCZC-04T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28SRCZC-04T Datasheet HTML 1Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 2Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 3Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 4Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 5Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 6Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 7Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 8Page - Cypress Semiconductor CY28SRCZC-04T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRELIMINARY
CY28SRC04
Document #: 001-00043 Rev. *A
Page 2 of 10
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initialize to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 1.
The block write and block read protocol is outlined in Table 2
while Table 3 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
Pin Description
Pin No.
Name
Type
Description
12
IREF
I
A precision resistor attached to this pin is connected to the internal current
reference.
20
SCLK
I, PU
SMBus compatible SCLOCK. This pin has an internal pull-up.
21
SDATA
I/O, PU SMBus compatible SDATA.
This pin has an internal pull-up.
1, 2, 5, 6, 7, 8,
23, 24
SRCT/C[4:1]
O, DIF 100-MHz Differential Serial reference clock.
18
XIN
I
14.318-MHz Crystal Input
19
XOUT
O
14.318-MHz Crystal Output
4, 10, 22
VDD_SRC
PWR
3.3V power supply for SRC outputs
3, 9, 11
VSS_SRC
GND
Ground for SRC outputs
14
VDDA
PWR
3.3V Analog Power for PLLs
13
VSSA
GND
Analog Ground
17
VDD_REF
PWR
3.3V power supply for Xtal
16
VSS_REF
GND
Ground for Xtal
15
NC
NC
No Connect
Table 1. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:5)
Chip select address, set to ‘00’ to access device
(4:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be '00000'
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
27:21
Slave address – 7 bits
36:29
Data byte 1 – 8 bits
28
Read = 1


Similar Part No. - CY28SRCZC-04T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28SRCZXC-02 SPECTRALINEAR-CY28SRCZXC-02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
CY28SRCZXC-02T SPECTRALINEAR-CY28SRCZXC-02T Datasheet
95Kb / 9P
   PCI-Express Clock Generator
More results

Similar Description - CY28SRCZC-04T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
   HCSL Compatible Clock Generator for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com