Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY241V8ASXC-02T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY241V8ASXC-02T
Description  MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY241V8ASXC-02T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY241V8ASXC-02T Datasheet HTML 1Page - Cypress Semiconductor CY241V8ASXC-02T Datasheet HTML 2Page - Cypress Semiconductor CY241V8ASXC-02T Datasheet HTML 3Page - Cypress Semiconductor CY241V8ASXC-02T Datasheet HTML 4Page - Cypress Semiconductor CY241V8ASXC-02T Datasheet HTML 5Page - Cypress Semiconductor CY241V8ASXC-02T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRELIMINARY
CY241V08A-02
Document #: 38-07674 Rev. *A
Page 3 of 6
Absolute Maximum Conditions
Supply Voltage (VDD) ........................................–0.5 to +7.0V
DC Input Voltage...................................... –0.5V to VDD + 0.5
Storage Temperature (Non-condensing).....–55
°C to +125°C
Junction Temperature ................................ –40
°C to +125°C
Data Retention @ Tj = 125
°C................................> 10 years
Package Power Dissipation...................................... 350 mW
ESD (Human Body Model) MIL-STD-883................. > 2000V
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Pullable Crystal Specifications[1]
Parameter
Description
Comments
Min. Typ. Max.
Unit
FNOM
Nominal crystal frequency
Parallel resonance, fundamental mode, AT
cut
–27
MHz
CLNOM
Nominal load capacitance
14
pF
R1
Equivalent series resistance (ESR)
Fundamental mode
25
R3/R1
Ratio of third overtone mode ESR to
fundamental mode ESR
Ratio used because typical R1 values are
much less than the maximum spec
3–
DL
Crystal drive level
No external series resistor assumed
150
µW
F3SEPHI
Third overtone separation from 3*FNOM High side
300
ppm
F3SEPLO
Third overtone separation from 3*FNOM Low side
–150
ppm
C0
Crystal shunt capacitance
7
pF
C0/C1
Ratio of shunt to motional capacitance
180
250
C1
Crystal motional capacitance
14.4
18
21.6
fF
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
0
70
°C
CLOAD
Max. Load Capacitance
15
pF
tPU
Power-up time for all VDD pins to reach minimum specified
voltage (power ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output HIGH Current
VOH = VDD – 0.5V, VDD = 3.3V
12
24
mA
IOL
Output LOW Current
VOL = 0.5V, VDD = 3.3V
12
24
mA
CIN
Input Capacitance
Except XIN, XOUT pins
7
pF
VVCXO
VCXO Input Range
0
VDD
V
f∆XO[2]
VCXO Pullability Range
Low Side
–115
ppm
High Side
115
ppm
IVDD
Supply Current
35
mA
AC Electrical Specifications (VDD = 3.3V) [3]
Parameter[3]
Name
Description
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1, 50% of VDD
45
50
55
%
ER
Rising Edge Rate
Output Clock Edge Rate, Measured from 20%
to 80% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
EF
Falling Edge Rate
Output Clock Edge Rate, Measured from 80%
to 20% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
t9
Peak-to-peak Period Jitter
27-MHz Clock Jitter
100
ps
Notes:
1.
Crystals that meet this specification includes: Ecliptek ECX-5808-27.000M
2.
–115/+115 ppm assumes 2.5 pF of additional board level load capacitance. This range will be shifted down with more board capacitance or shifted up with less
board capacitance.
3.
Not 100% tested.


Similar Part No. - CY241V8ASXC-02T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V8ASXC-01 CYPRESS-CY241V8ASXC-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY241V8ASXC-01T CYPRESS-CY241V8ASXC-01T Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
More results

Similar Description - CY241V8ASXC-02T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-01 CYPRESS-CY241V08A-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com