Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2037 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2037
Description  High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2037_08 Datasheet HTML 1Page - Cypress Semiconductor CY2037_08 Datasheet HTML 2Page - Cypress Semiconductor CY2037_08 Datasheet HTML 3Page - Cypress Semiconductor CY2037_08 Datasheet HTML 4Page - Cypress Semiconductor CY2037_08 Datasheet HTML 5Page - Cypress Semiconductor CY2037_08 Datasheet HTML 6Page - Cypress Semiconductor CY2037_08 Datasheet HTML 7Page - Cypress Semiconductor CY2037_08 Datasheet HTML 8Page - Cypress Semiconductor CY2037_08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY2037
Document Number: 38-07354 Rev. *E
Page 5 of 11
Crystal Oscillator Tuning Circuit
CY2037 contains a unique tuning circuit to fine-tune the output frequency of the device. The tuning circuit consists of an array of eleven
load capacitors on both sides of the oscillator drive inverter. The capacitor load values are EPROM-programmable and may be
increased in small increments. As the capacitor load is increased the circuit is fine-tuned to a lower frequency. The capacitor load
values vary from 0.17 pF to 8 pF for a 100:1 total control ratio. The tuning increments are shown in Table 3. Refer to “7C8038x/7C8034x
Programming Specification” for further details.
Figure 1. Crystal Oscillator Tuning Circuit
Table 3. Crystal Oscillator Parameter
Parameter
Description
Min
Typ.
Max
Unit
Rf
Feedback resistor, VDD = 4.5–5.5V
Feedback resistor, VDD = 2.7–3.6V
0.5
1.0
2
4
3.5
9.0
M
Ω
M
Ω
Capacitors have ± 20% tolerance
Cg
Gate capacitor
13
pF
Cd
Drain capacitor
9
pF
C0
Series cap
0.27
pF
C1
Series cap
0.52
pF
C2
Series cap
1.00
pF
C3
Series cap
0.7
pF
C4
Series cap
1.4
pF
C5
Series cap
2.6
pF
C6
Series cap
5.0
pF
C7
Series cap
0.45
pF
C8
Series cap
0.85
pF
C9
Series cap
1.7
pF
C10
Series cap
3.3
pF
CD = EPROM BIT
T = TRANSISTOR
C = LOAD CAPACITOR
CD6
C6
CD5
C5
CD4
C4
CD3
C3
CD2
C2
CD1
C1
CD0
C0
CD3
C7
CD4
C8
CD5
C9
CD6
C10
External Crystal
Cgo Cdo
Rf
[+] Feedback


Similar Part No. - CY2037_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
More results

Similar Description - CY2037_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2077 CYPRESS-CY2077_08 Datasheet
383Kb / 14P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
logo
Integrated Device Techn...
IDT5V7855 IDT-IDT5V7855 Datasheet
1Mb / 14P
   EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
   Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
   Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
   Programmable Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com