Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23S05SXC-1H Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23S05SXC-1H
Description  Low-Cost 3.3V Spread Aware??Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S05SXC-1H Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY23S05SXC-1H Datasheet HTML 1Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 2Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 3Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 4Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 5Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 6Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 7Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 8Page - Cypress Semiconductor CY23S05SXC-1H Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY23S09
CY23S05
Document #: 38-07296 Rev. *C
Page 9 of 9
Document History Page
Document Title: CY23S09/CY23S05 Low-Cost 3.3V Spread Aware™ Zero Delay Buffer
Document Number: 38-07296
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
111147
11/14/01
DSG
Changed from spec number 38-01094 to 38-07296
*A
111773
02/20/02
CTK
Added 150-mil SSOP option
*B
122885
12/22/02
RBI
Added power-up requirements to Operating Conditions
*C
267849
See ECN
RGL
Added Lead-Free devices


Similar Part No. - CY23S05SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S05SXC-1H CYPRESS-CY23S05SXC-1H Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
More results

Similar Description - CY23S05SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com