Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27EE16FZXECT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY27EE16FZXECT Datasheet HTML 1Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 2Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 3Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 4Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 5Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 6Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 7Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 3 of 17
Output Enable (OE) – Active HIGH
The default clock configuration has pin 10 programmed as an
Output Enable (OE). This pin enables the divider bank clock
outputs when HIGH, and disables divider bank clock outputs
when LOW.
Power-down Mode (PDM) – Active LOW
The Power-down Mode (PDM) function is available when pin
10 of the CY27EE16ZE is configured as PDM. When the PDM
signal pulled LOW, all clock components are shut down and
the part enters a low-power state. To configure pin 10 of the
CY27EE16ZE as PDM, see "Power-down Mode (PDM) and
Output Enable (OE) Registers for Pin 10", page 7.
Serial Programming Interface (SPI)
The SPI uses industry-standard signaling in both standard and
fast modes to program the 8 x 2 kbit EPPROM blocks of
scratchpad, the 2-kbit EEPROM dedicated to clock configu-
ration, and the 2-kbit SRAM block. See sections beginning
with "Using the Serial Programming Interface (SPI)", page 3
for more information.
Default Start-up Condition for CY27EE16ZE
The default (programmed) condition of the 8 x 256 bit
EEPROM blocks (scratchpad) in the device as shipped from
the factory, are blank and unprogrammed. In this condition, all
bits are set to 0.
The default clock configuration is:
• the crystal oscillator circuit is active.
• CLOCK1 outputs REF frequency.
• All other outputs are three-stated.
• WP control on pin 17.
• OE control on pin 10.
This default clock configuration is typically customized to meet
the needs of a specific application. It provides a clock signal
upon power-on, to facilitate in-system programming. Alterna-
tively, the CY27EE16ZE may be programmed with a different
clock configuration prior to placement of the CY27EE16ZE in
systems. While you can develop your own subroutine to
program any or all of the individual registers described in the
following pages, it may be easier to use CyClocksRT™ to
produce the required register setting file.
Using the Serial Programming Interface (SPI)
The CY27EE16ZE provides an industry-standard serial
programming interface for volatile and nonvolatile, in-system
programming of unique frequencies and options. Serial
programming and reprogramming allows for quick design
changes and product enhancements, eliminates inventory of
old design parts, and simplifies manufacturing.
The CY27EE16ZE is a group of ten slave devices with
addresses as shown in Figure 1. The serial programming
interface address of the CY27EE16ZE clock configuration
2-kbit EEPROM block is 69H. The serial programming
interface address of the CY27EE16ZE clock configuration
2-kbit SRAM block is 68H. Should there be a conflict with any
other devices in your system, all device addresses can also be
changed using CyberClocks. Registers in the clock configu-
ration 2-kbit SRAM memory block are written, when the user
wants to update the clock configuration for on-the-fly changes
.
Registers in the clock configuration EEPROM block are
written, if the user wants to update the clock configuration so
that it is saved and used again after power-up or reset.
All programmable registers in the CY27EE16ZE are
addressed with eight bits and contain eight bits of data. Table 1
lists the specific register definitions and their allowable values.
See section "Serial Programming Interface Timing", page 12,
for a detailed description.
1st
EE block
256 x 8 bits
Address:
1000000
4th
EE block
256 x 8 bits
Address:
1000011
3rd
EE block
256 x 8 bits
Address:
1000010
2nd
EE block
256 x 8 bits
Address:
1000001
clock config.
EE block
256 x 8 bits
Address:
1101000
clock config.
SRAM
256 x 8 bits
Address:
1101001
5th
EE block
256 x 8 bits
Address:
1000100
8th
EE block
256 x 8 bits
Address:
1000111
7th
EE block
256 x 8 bits
Address:
1000110
6th
EE block
256 x 8 bits
Address:
1000101
Figure 1. Device Addresses for EEPROM Scratchpad and Clock Configuration Blocks


Similar Part No. - CY27EE16FZXECT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16FZEC CYPRESS-CY27EE16FZEC Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZECT CYPRESS-CY27EE16FZECT Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZEI CYPRESS-CY27EE16FZEI Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZEIT CYPRESS-CY27EE16FZEIT Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
More results

Similar Description - CY27EE16FZXECT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16ZE CYPRESS-CY27EE16ZE Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY22701 CYPRESS-CY22701 Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com