Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2037BWAF-IL Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2037BWAF-IL
Description  High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037BWAF-IL Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2037BWAF-IL Datasheet HTML 3Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 4Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 5Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 6Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 7Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 8Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 9Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 10Page - Cypress Semiconductor CY2037BWAF-IL Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY2037
Document Number: 38-07354 Rev. *E
Page 7 of 11
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.[3]
Supply voltage .................................................. –0.5 to +7.0V
Input voltage .............................................. –0.5V to VDD+0.5
Storage temperature (non-condensing)........ 55°C to +150°C
Junction temperature.................................. –40°C to +100°C
Static discharge voltage............................................... 2000V
(per MIL-STD-883, Method 3015)
Operating Conditions
Electrical Characteristics
Over the Operating Range[5]
Parameter
Description
Min
Max
Unit
VDD
Supply voltage (3.3V)
Supply voltage (5.0V)
2.7
4.5
3.6
5.5
V
V
TAJ
[4]
Operating temperature, Junction
–10
+100
°C
CTTL
Max. capacitive load on outputs for TTL levels
VDD = 4.5–5.5V, output frequency = 1 - 40 MHz
VDD = 4.5–5.5V, output frequency = 40 - 133 MHz
50
25
pF
pF
CCMOS
Max. capacitive load on outputs for CMOS levels
VDD = 4.5–5.5V, output frequency = 1 - 66.6 MHz
VDD = 4.5–5.5V, output frequency = 66.6 - 133 MHz
VDD = 3.0–3.6V, output frequency = 1 - 40 MHz
VDD = 3.0–3.6V, output frequency = 40 - 100 MHz
VDD = 2.7–3.0V, output frequency = 1 - 66 MHz
50
25
30
15
15
pF
pF
pF
pF
pF
XREF
Reference frequency, input crystal. Fundamental tuned crystals only
10
30
MHz
tPU
Power up time for all VDDs to reach minimum specified voltage (power ramps must
be monotonic)
0.05
50
ms
Parameter
Description
Test Conditions
Min
Typ.
Max
Unit
VIL
Low level input voltage
VDD = 4.5V - 5.5V
VDD = 2.7V - 3.6V
0.8
0.2VDD
V
V
VIH
High level input voltage
VDD = 4.5V - 5.5V
VDD = 2.7V - 3.6V
2.0
0.7VDD
V
V
VOL
Low level output voltage
VDD = 4.5V - 5.5V, IOL= 16 mA
VDD = 2.7V - 3.6V, IOL= 8 mA
0.4
0.4
V
V
VOHCMOS
High level output voltage,
CMOS levels
VDD = 4.5V - 5.5V, IOH = –16 mA
VDD = 2.7V - 3.6V, IOH = –8 mA
VDD – 0.4
VDD – 0.4
V
V
VOHTTL
High level output voltage,
TTL levels
VDD = 4.5V - 5.5V, IOH = –8 mA
2.4
V
IIL
Input low current
VIN = 0V
10
μA
IIH
Input high current
VIN = VDD
5
μA
IDD
Power supply current,
Unloaded
VDD = 4.5V - 5.5V, output frequency <= 133 MHz
VDD = 2.7V - 3.6V, output frequency <= 100 MHz
45
25
mA
mA
IDDS
[6]
Standby current
VDD = 2.7V - 3.6V
10
50
μA
RUP
Input pull up resistor
VDD = 4.5V - 5.5V, VIN = 0V
VDD = 4.5V - 5.5V, VIN = 0.7VDD
1.1
50
3.0
100
8.0
200
M
Ω
k
Ω
IOE_CLKOUT CLKOUT pull down current VDD = 5.0
20
μA
Notes
3. Stresses greater than listed can impair the life of the device.
4. This product is sold in die form so operating conditions are specified for the die, or junction temperature.
5. This part was characterized in a 20-pin SOIC package with external crystal, Electrical Characteristics can change with other package types.
6. If external reference is used, it is required to stop the reference (set reference to LOW) during power down.
[+] Feedback


Similar Part No. - CY2037BWAF-IL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037BWAF-IL CYPRESS-CY2037BWAF-IL Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
More results

Similar Description - CY2037BWAF-IL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2077 CYPRESS-CY2077_08 Datasheet
383Kb / 14P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
logo
Integrated Device Techn...
IDT5V7855 IDT-IDT5V7855 Datasheet
1Mb / 14P
   EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
   Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
   Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
   Programmable Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com