Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2212ZXC-2T Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2212ZXC-2T
Description  Direct Rambus??Clock Generator (Lite)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2212ZXC-2T Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2212ZXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY2212ZXC-2T Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CY2212
Document #: 38-07466 Rev. *A
Page 10 of 10
Document History Page
Document Title: CY2212 Direct Rambus™ Clock Generator (Lite)
Document Number: 38-07466
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
117801
12/10/02
CKN
New Data Sheet
*A
308300
See ECN
RGL
Corrected Ordering Info from -1 to -2
Added Lead Free Devices (-2)
Added CXTAL specs in the AC Electrical specifications table


Similar Part No. - CY2212ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
CY2210PVC-2 CYPRESS-CY2210PVC-2 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
SpectraLinear Inc
CY2210PVC-2 SPECTRALINEAR-CY2210PVC-2 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
CY2210PVC-3 CYPRESS-CY2210PVC-3 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results

Similar Description - CY2212ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com