Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2077SXC-XXXT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2077SXC-XXXT
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077SXC-XXXT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2077SXC-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 9Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 10Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 11Page - Cypress Semiconductor CY2077SXC-XXXT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY2077
Document Number: 38-07210 Rev. *C
Page 8 of 14
Switching Waveforms
Figure 2. Duty Cycle Timing (t1w, t1x, t1y)
Figure 3. Output Rise/Fall Time
Figure 4. Power down Timing (synchronous and asynchronous modes)
Figure 5. Power up Timing
Figure 6. Output Enable Timing (synchronous and asynchronous modes)
Notes
6. In synchronous mode, the power down or output three-state is not initiated until the next falling edge of the output clock.
7. In asynchronous mode, the power down or output three-state occurs within 25 ns regardless of position in the output clock cycle.
t1A
t1B
OUTPUT
OUTPUT
t2
VDD
0V
t3
CLKOUT
VDD
t4
1/f
t5a
VIL
VIH
POWER
DOWN
0V
1/f
t5b
CLKOUT
T
(synchronous
[6])
(asynchronous
[7])
CLKOUT
VDD
t6
1/f
VDD – 10%
POWER
UP
0V
min 30 μs
max 30 ms
CLKOUT
VDD
OUTPUT
ENABLE
0V
VIL
t7a
t8
High Impedance
CLKOUT
t7b
t8
High Impedance
T
(synchronous
[6])
(asynchronous
[7])
VIH
[+] Feedback


Similar Part No. - CY2077SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077SC CYPRESS-CY2077SC Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2077SI CYPRESS-CY2077SI Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
More results

Similar Description - CY2077SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com