Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2077ZXC-XXXT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2077ZXC-XXXT
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077ZXC-XXXT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2077ZXC-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 9Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 10Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 11Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 12Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 13Page - Cypress Semiconductor CY2077ZXC-XXXT Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY2077
Document Number: 38-07210 Rev. *C
Page 10 of 14
Typical Duty Cycle[9] Trends for CY2077
Figure 9. Duty Cycle vs. VDD over Temperatures
Figure 10. Duty Cycle vs. Output Load
Figure 11. Duty Cycle vs. Output Frequency over Temperatures
Duty Cycle vs. VDD over Temperature
(TTL Duty Cycle Output, Fout=50MHz, Cload =
50pF)
45.00
47.00
49.00
51.00
53.00
55.00
4.0
4.5
5.0
5.5
6.0
VDD (V)
-40C
25C
85C
Duty Cycle vs. VDD over Temperature
(CMOS Duty Cycle Ouput, Fout=50MHz,
Cload=50pF)
45.00
47.00
49.00
51.00
53.00
55.00
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (v)
-40C
25C
85C
Duty Cycle vs. CLoad with Various VDD
(Fout = 50MHz, Temp = 25C)
45.00
47.00
49.00
51.00
53.00
55.00
10 15 20 25 30 35 40 45 50 55
Cload (pF)
VDD=4.5V
VDD=5.0V
VDD=5.5V
Output Duty Cycle vs. Fout over Temperature
(Vdd = 5V, Cload = 15pF)
50.00%
51.00%
52.00%
53.00%
54.00%
55.00%
20
30
40
50
60
70
80
Output Frequency (MHz)
25C
85C
-40C
Note
9. Duty cycle is measured at 1.4V for TTL output and 0.5 VDD for CMOS output.
[+] Feedback


Similar Part No. - CY2077ZXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077ZC CYPRESS-CY2077ZC Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2077ZI CYPRESS-CY2077ZI Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
More results

Similar Description - CY2077ZXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com