Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2303SXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2303SXCT
Description  Phase-Aligned Clock Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2303SXCT Datasheet HTML 1Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 2Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 3Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2303SXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY2303
Document #: 38-07249 Rev. *B
Page 3 of 7
Switching Characteristics for CY2303SC Commercial Temperature Devices
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
1/t1
Output Frequency
18-pF load
10
133.33
MHz
12-pF load
166.67
MHz
Duty Cycle[3] = t2 ÷ t1
Measured at VDD/2
40
50
60
%
t3
Rise Time[3]
Measured between 0.8V and 2.0V
1.20
ns
t4
Fall Time[3]
Measured between 0.8V and 2.0V
1.20
ns
t5
Output to Output Skew on rising
edges[3]
All outputs equally loaded
Measured at VDD/2
200
ps
t6
Delay, REFIN Rising Edge to
REF Rising Edge[3]
Measured at VDD/2 from REFIN to any
output
––
±200
ps
t7
Device to Device Skew[3]
Measured at VDD/2 on the REF pin of the
device (pin 1)
400
ps
tJ
Period Jitter[3]
Measured at Fout < 133.33 MHz, loaded
outputs, 18-pF load
–80
±175
ps
tLOCK
PLL Lock Time[3]
Stable power supply, valid clocks presented
on REFIN
––
1.0
ms
Operating Conditions for CY2303SI Industrial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
–40
85
°C
CL
Load Capacitance, Fout <133.33 MHz
15
pF
Load Capacitance, 133.33 MHz < Fout < 166.67 MHz,
10
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2303SI Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
100
µA
IIH
Input HIGH Current
VIN = VDD
–50
µA
VOL
Output LOW Voltage[2]
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage[2]
IOH = –8 mA
2.4
V
IDD
Supply Current
Unloaded outputs, REFIN = 41.67 MHz
48
mA
Unloaded outputs, REFIN = 25 MHz
35
mA
Unloaded outputs, REFIN = 10 MHz
20
mA
Note:
3. All parameters are specified with loaded outputs.


Similar Part No. - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
More results

Similar Description - CY2303SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303 CYPRESS-CY2303_08 Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300 Datasheet
125Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_13 Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_08 Datasheet
205Kb / 6P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_12 Datasheet
394Kb / 9P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_12 Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com