Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2313ANZ Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2313ANZ
Description  13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2313ANZ Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2313ANZ_07 Datasheet HTML 1Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 2Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 3Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 4Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 5Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 6Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 7Page - Cypress Semiconductor CY2313ANZ_07 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY2313ANZ
Document #: 38-07144 Rev. *B
Page 5 of 8
Switching Waveforms (continued)
SDRAM Buffer LH and HL Propagation Delay
t6
INPUT
OUTPUT
t7
t8
OE
OUTPUTS
SDRAM Buffer Enable and Disable Times
t9
Three-State
Active
0.1
μF
VDD
CLK out
CLOAD
OUTPUTS
GND
Test Circuit


Similar Part No. - CY2313ANZ_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2313ANZSC-1 CYPRESS-CY2313ANZSC-1 Datasheet
90Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results

Similar Description - CY2313ANZ_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2313ANZ CYPRESS-CY2313ANZ Datasheet
90Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2313ANZ ALSC-ASM2I2313ANZ Datasheet
513Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
PulseCore Semiconductor
PCS2I2313ANZ PULSECORE-PCS2I2313ANZ Datasheet
516Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
ASM2I2314ANZ ALSC-ASM2I2314ANZ Datasheet
515Kb / 13P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ Datasheet
99Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
PulseCore Semiconductor
PCS2I2314ANZ PULSECORE-PCS2I2314ANZ Datasheet
529Kb / 13P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318ANZPVC-11 CYPRESS-CY2318ANZPVC-11 Datasheet
184Kb / 9P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com