Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2304SXC-2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2304SXC-2
Description  3.3V Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SXC-2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2304SXC-2 Datasheet HTML 1Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 2Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2304SXC-2 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY2304
Document #: 38-07247 Rev. *D
Page 2 of 8
Zero Delay and Skew Control
To close the feedback loop of the CY2304, the FBK pin can be
driven from any of the four available output pins. The output
driving the FBK pin will be driving a total load of 7 pF plus any
additional load that it drives. The relative loading of this output
(with respect to the remaining outputs) can adjust the
input-output delay. This is shown in the graph above.
For applications requiring zero input-output delay, all outputs
including the one providing feedback should be equally
loaded. If input-output delay adjustments are required, use the
above graph to calculate loading differences between the
feedback output and remaining outputs.
For zero output-output skew, be sure to load outputs equally.
For further information on using CY2304, refer to the appli-
cation note “CY2308: Zero Delay Buffer.”
Notes:
1. Weak pull-down.
2. Weak pull-down on all outputs.
Pin Description
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V-tolerant input
2
CLKA1[2]
Clock output, Bank A
3
CLKA2[2]
Clock output, Bank A
4
GND
Ground
5
CLKB1[2]
Clock output, Bank B
6
CLKB2[2]
Clock output, Bank B
7VDD
3.3V supply
8
FBK
PLL feedback input
REF. Input to CLKA/CLKB Delay vs. Difference in Loading Between FBK Pin and CLKA/CLKB Pins


Similar Part No. - CY2304SXC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304SXC-2 CYPRESS-CY2304SXC-2 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
CY2304SXC-2 CYPRESS-CY2304SXC-2 Datasheet
285Kb / 9P
   3.3V Zero Delay Buffer
CY2304SXC-2T CYPRESS-CY2304SXC-2T Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
CY2304SXC-2T CYPRESS-CY2304SXC-2T Datasheet
285Kb / 9P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2304SXC-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com