Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2304SXC-2T Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2304SXC-2T
Description  3.3V Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SXC-2T Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2304SXC-2T Datasheet HTML 1Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY2304SXC-2T Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CY2304
Document #: 38-07247 Rev. *D
Page 7 of 8
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
Ordering Information
Ordering Code
Package Type
Operating Range
CY2304SC–1
8-pin 150-mil SOIC
Commercial
CY2304SC–1T
8-pin 150-mil SOIC - Tape and Reel
Commercial
CY2304SI–1
8-pin 150-mil SOIC
Industrial
CY2304SI–1T
8-pin 150-mil SOIC- Tape and Reel
Industrial
CY2304SC–2
8-pin 150-mil SOIC
Commercial
CY2304SC–2T
8-pin 150-mil SOIC- Tape and Reel
Commercial
CY2304SI–2
8-pin 150-mil SOIC
Industrial
CY2304SI–2T
8-pin 150-mil SOIC- Tape and Reel
Industrial
Lead-Free
CY2304SXC–1
8-pin 150-mil SOIC
Commercial
CY2304SXC–1T
8-pin 150-mil SOIC - Tape and Reel
Commercial
CY2304SXI–1
8-pin 150-mil SOIC
Industrial
CY2304SXI–1T
8-pin 150-mil SOIC- Tape and Reel
Industrial
CY2304SXC–2
8-pin 150-mil SOIC
Commercial
CY2304SXC–2T
8-pin 150-mil SOIC- Tape and Reel
Commercial
CY2304SXI–2
8-pin 150-mil SOIC
Industrial
CY2304SXI–2T
8-pin 150-mil SOIC- Tape and Reel
Industrial
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN1IDISOPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
8 Lead (150 Mil) SOIC - S08
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
8-lead (150-Mil) SOIC S8
51-85066-*C


Similar Part No. - CY2304SXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304SXC-2T CYPRESS-CY2304SXC-2T Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
CY2304SXC-2T CYPRESS-CY2304SXC-2T Datasheet
285Kb / 9P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2304SXC-2T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com