Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22701 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22701
Description  1 PLL In-System Programmable Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22701 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22701 Datasheet HTML 1Page - Cypress Semiconductor CY22701 Datasheet HTML 2Page - Cypress Semiconductor CY22701 Datasheet HTML 3Page - Cypress Semiconductor CY22701 Datasheet HTML 4Page - Cypress Semiconductor CY22701 Datasheet HTML 5Page - Cypress Semiconductor CY22701 Datasheet HTML 6Page - Cypress Semiconductor CY22701 Datasheet HTML 7Page - Cypress Semiconductor CY22701 Datasheet HTML 8Page - Cypress Semiconductor CY22701 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRELIMINARY
1 PLL In-System Programmable Clock Generator
CY22701
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07698 Rev. *B
Revised February 8, 2005
Features
• In-system programmable through I2C Serial
Programming Interface (SPI)
• Programmable SRAM and non-volatile EEPROM
memory bits with 3.3V supply
• Integrated, phase-locked loop with programmable P
and Q counters, output dividers
• Low-jitter, high-accuracy outputs
• 3.3V Operation
•8-lead SOIC
Benefits
• Custom timing solutions for designs not suitable for
factory custom silicon, Xtals, or ASICs for production
• Program and optimize designs while chip is on system
board
• Programming voltages contained in chip
• High-performance PLL enables control of output
frequencies that are customizable to support a wide
range of applications
• Meets critical timing requirements in complex system
designs
• Meets industry-standard voltage platforms
• Industry standard packaging saves on board space
Part Number
No. of Outputs
Input Frequency Range
Output Frequency Range
CY22701
2
1 – 167 MHz (Driven Clock Input) {Commercial}
1 –150 MHz (Driven Clock Input) {Industrial}
8 – 30 MHz (Crystal Reference) {Comm. or Ind.}
80 kHz – 200 MHz (3.3V) {Commercial}
80 kHz –167 MHz (3.3V) {Industrial}
Logic Block Diagram
XIN
XOUT
CLK2
OUTPUT
DIVIDERS
PLL
OSC
CLK1
Q
VCO
VDD VSS
Φ
P
Pin Configuration
SCL
SDAT
EEPROM
Memory Array
Clock
Configuration
Output
Crosspoint
Switch
Array
[I2C- SPI:]
WP
XOUT
CLK2/WP
CLK1
SCL
8 PIN SOIC
8
7
6
5
1
2
3
4
XIN
VDD
SDA
VSS


Similar Part No. - CY22701

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-1 CYPRESS-CY2273A-1 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-2 CYPRESS-CY2273A-2 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-3 CYPRESS-CY2273A-3 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-4 CYPRESS-CY2273A-4 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
More results

Similar Description - CY22701

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16ZE CYPRESS-CY27EE16ZE_04 Datasheet
253Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16ZE CYPRESS-CY27EE16ZE Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com