Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2547IXXX Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2547IXXX
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2547IXXX Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2547IXXX Datasheet HTML 6Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 7Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 8Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 9Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 10Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 11Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 12Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 13Page - Cypress Semiconductor CY2547IXXX Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY2545
CY2547
Document #: 001-13196 Rev. *A
Page 10 of 15
DC Electrical Specifications
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOL
Output low voltage
IOL = 2 mA, drive strength = [00]
0.4
V
IOL = 3 mA, drive strength = [01]
IOL = 7 mA, drive strength = [10]
IOL = 12 mA, drive strength = [11]
VOH
Output high voltage
IOH = –2 mA, drive strength = [00]
VDD_CLK_BX
– 0.4
––
V
IOH = –3 mA, drive strength = [01]
IOH = –7 mA, drive strength = [10]
IOH = –12 mA, drive strength = [11]
VOLSD
Output low voltage, SDA
IOL = 4 mA
0.4
V
VIL1
Input low voltage of PD#/OE,
RST, FS, and SSON
0.2*VDD
V
VIL2
Input low voltage of CLKIN for
CY2545
0.1*VDD
V
VIL3
Input low voltage of EXCLKIN for
CY2545
0.18
V
VIL4
Input low voltage of CLKIN,
EXCLKIN for CY2547
0.1*VDD
V
VIH1
Input high voltage of PD#/OE,
RST, FS, and SSON
0.8*VDD
––
V
VIH2
Input high voltage of CLKIN for
CY2545
0.9*VDD
––
V
VIH3
Input high voltage of EXCLKIN
for CY2545
1.62
2.2
V
VIH4
Input high voltage of CLKIN,
EXCLKIN for CY2547
0.9*VDD
––
V
IILPD
Input low current of RST and
PD#/OE
VIL = 0V
10
µA
IIHPD
Input high current of RST and
PD#/OE
VIH = VDD
10
µA
IILSR
Input low current of SSON and
FS
VIL = 0V (Internal pull dn = 160k typ)
10
µA
IIHSR
Input high current of SSON and
FS
VIH = VDD (Internal pull dn = 160k typ)
14
36
µA
RDN
Pull down resistor of
(CLK1-CLK8) when off,
CLK6/SSON and CLK3/FS
100
160
250
k
Ω
IDD
[1,2]
Supply current for CY2547
PD# = High, No load
20
mA
Supply current for CY2545
PD# = High, No load
22
mA
IDDS
[1]
Standby current
PD# = Low, No load, with I2C circuit not
in Keep Alive Mode
–3
µA
IPD
[1]
Power down current
PD# = Low, No load, with I2C circuit in
Keep Alive Mode
––
1
mA
CIN
[1]
Input capacitance
SSON, RST, PD#/OE or FS inputs
7
pF
[+] Feedback


Similar Part No. - CY2547IXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2547IXXX CYPRESS-CY2547IXXX Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2547IXXX CYPRESS-CY2547IXXX Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2547IXXXT CYPRESS-CY2547IXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2547IXXXT CYPRESS-CY2547IXXXT Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2547IXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com