Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22701FSXCT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY22701FSXCT
Description  1 PLL In-System Programmable Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22701FSXCT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY22701FSXCT Datasheet HTML 6Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 7Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 8Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 9Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 10Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 11Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 12Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 13Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PRELIMINARY
CY22701
Document #: 38-07698 Rev. *B
Page 10 of 15
Serial Programming Interface Timing
Figure 6. Start and Stop Frame
Figure 7. Frame Format (Device Address, R/W, Register Address, Register Data)
SDAT
SCLK
START
Transition
to next Bit
STOP
SDAT
SCLK
DA6
DA5 DA0
R/W
ACK
RA7
RA6 RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
Table 14.Recommended Pullable Crystal Specifications
Parameter
Description
Comments
Min.
Typ.
Max.
Units
CLNOM
Nominal load capacitance
14
pF
R1
Equivalent series resistance (ESR)
Fundamental mode
25
R3/R1
Ratio of third overtone mode ESR to
fundamental mode ESR
Ratio used because typical R1 values
are much less than the maximum spec
3–
DL
Crystal drive level
No external series resistor assumed
0.5
2
mW
F3SEPHI
Third overtone separation from 3*FNOM High side
400
ppm
F3SEPLO
Third overtone separation from 3*FNOM Low side
–200
ppm
C0
Crystal shunt capacitance
7
pF
C0/C1
Ratio of shunt to motional capacitance
180
250
C1
Crystal motional capacitance
14.4
18
21.6
fF


Similar Part No. - CY22701FSXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-1 CYPRESS-CY2273A-1 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-2 CYPRESS-CY2273A-2 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-3 CYPRESS-CY2273A-3 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2273A-4 CYPRESS-CY2273A-4 Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
More results

Similar Description - CY22701FSXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16ZE CYPRESS-CY27EE16ZE_04 Datasheet
253Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16ZE CYPRESS-CY27EE16ZE Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com