Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2309SC-1 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2309SC-1
Description  Low-Cost 3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309SC-1 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2309SC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 12Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 13Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *G
Page 10 of 14
Test Circuits
0.1
µ F
V DD
0.1
µ F
V DD
CLK out
C LOAD
OUTPUTS
GND
GND
0.1
µ F
V DD
0.1
µ F
V DD
10 pF
OUTPUTS
GND
GND
1 k
1 k
Test Circuit # 1
Test Circuit # 2
For parameter t8 (output slew rate) on -1H devices
Ordering Information
Ordering Code
Package Type
Operating Range
CY2305SC-1
8-pin 150-mil SOIC
Commercial
CY2305SC-1T
8-pin 150-mil SOIC – Tape and Reel
Commercial
CY2305SZC-1
8-pin 150-mil SOIC – (Lead-free)
Commercial
CY2305SZC-1T
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial
CY2305SXC-1
8-pin 150-mil SOIC – (Lead-free)
Commercial
CY2305SXC-1T
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial
CY2305SI-1
8-pin 150-mil SOIC
Industrial
CY2305SI-1T
8-pin 150-mil SOIC – Tape and Reel
Industrial
CY2305SZI-1
8-pin 150-mil SOIC – (Lead-free)
Industrial
CY2305SZI-1T
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Industrial
CY2305SXI-1
8-pin 150-mil SOIC – (Lead-free)
Industrial
CY2305SXI-1T
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Industrial
CY2305SC-1H
8-pin 150-mil SOIC
Commercial
CY2305SC-1HT
8-pin 150-mil SOIC – Tape and Reel
Commercial
CY2305SZC-1H
8-pin 150-mil SOIC – (Lead-free)
Commercial
CY2305SZC-1HT
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial
CY2305SXC-1H
8-pin 150-mil SOIC – (Lead-free)
Commercial
CY2305SXC-1HT
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial
CY2305SI-1H
8-pin 150-mil SOIC
Industrial
CY2305SI-1HT
8-pin 150-mil SOIC – Tape and Reel
Industrial
CY2305SZI-1H
8-pin 150-mil SOIC – (Lead-free)
Industrial
CY2305SZI-1HT
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Industrial
CY2305SXI-1H
8-pin 150-mil SOIC – (Lead-free)
Industrial
CY2305SXI-1HT
8-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Industrial
CY2309SC-1
16-pin 150-mil SOIC
Commercial
CY2309SC-1T
16-pin 150-mil SOIC – Tape and Reel
Commercial
CY2309SZC-1
16-pin 150-mil SOIC – (Lead-free)
Commercial
CY2309SZC-1T
16-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial
CY2309SXC-1
16-pin 150-mil SOIC – (Lead-free)
Commercial
CY2309SXC-1T
16-pin 150-mil SOIC – Tape and Reel – (Lead-free)
Commercial


Similar Part No. - CY2309SC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2309SC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com