Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24212SC-5T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24212SC-5T
Description  MediaClock??MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24212SC-5T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24212SC-5T Datasheet HTML 1Page - Cypress Semiconductor CY24212SC-5T Datasheet HTML 2Page - Cypress Semiconductor CY24212SC-5T Datasheet HTML 3Page - Cypress Semiconductor CY24212SC-5T Datasheet HTML 4Page - Cypress Semiconductor CY24212SC-5T Datasheet HTML 5Page - Cypress Semiconductor CY24212SC-5T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRELIMINARY
CY24212
Document #: 38-07402 Rev. *C
Page 3 of 6
DC Electrical Specifications
Parameter
Name
Description
Min
Typ
Max
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V (source)
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V (sink)
12
24
mA
CIN
Input Capacitance
7pF
IIH
Input High Current
VIH = VDD
–5
10
µA
IIL
Input Low Current
VIL = 0V
50
µA
f∆XO
VCXO Pullability Range
±150
ppm
VVCXO
VCXO Input Range
0
VDD
V
IDD
Supply Current
Sum of Core and Output Current
35
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0.3
VDD
RUP
Pull-up resistor on inputs
VDD = 3.14 to 3.47V, measured VIN = 0V
100
150
k
AC Electrical Specifications (VDD = 3.3V)
Parameter[3]
Name
Description
Min
Typ
Max
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1, 50% of VDD
45
50
55
%
ER
Rising Edge Rate
Output Clock Edge Rate, Measured from 20%
to 80% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
EF
Falling Edge Rate
Output Clock Edge Rate, Measured from 80%
to 20% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
t9
Clock Jitter
Peak-to-peak period jitter
300
ps
t10
PLL Lock Time
3ms
Test and Measurement Set-up
Note:
3. Not 100% tested.
0.1
µF
VDDs
Outputs
CLOAD
GND
DUT


Similar Part No. - CY24212SC-5T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212SC-5T CYPRESS-CY24212SC-5T Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
More results

Similar Description - CY24212SC-5T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-01 CYPRESS-CY241V08A-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com