Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-BW03 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXHL-BW03
Description  power light source LUXEON짰 Warm White Emitter and Star
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-BW03 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXHL-BW03 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LUXEON Warm White Emitter & Star DS47 (7/06)
5
Warm White Luxeon Part Number Matrix
Table 1.
P
Pa
arrtt N
Nu
um
mb
be
err
B
Be
ea
am
m P
Pa
atttte
errn
n
C
Co
on
nffiig
gu
urra
attiio
on
n
D
Drriiv
ve
e C
Cu
urrrre
en
ntt
LXHLBW03
Batwing
Emitter
350mA
LXHLMWGC
Batwing
Star
350mA
LXHLNWG8
Batwing
Star/O
350mA
Color Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 2.
C
Co
ollo
orr R
Re
en
nd
de
erriin
ng
g IIn
nd
de
ex
x
C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [[22]]
P
Pa
arrtt
R
RAA
C
CC
CT
T
N
Nu
um
mb
be
err
T
Ty
yp
p..
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
LXHLBW03
90
[1]
2850 K
3300 K
3800 K
LXHLMWGC
90
[1]
2850 K
3300 K
3800 K
LXHLNWG8
90
[1]
2850 K
3300 K
3800 K
Notes for Table 2:
1.
The typical R9 value for warm white LUXEON products is 70.
2.
Correlated Color Temperature (CCT) ± 5% tester tolerance.
Flux Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 3.
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
R
Ra
ad
diia
attiio
on
n
F
Fllu
ux
x ((llm
m))
F
Fllu
ux
x ((llm
m))
P
Pa
arrtt N
Nu
um
mb
be
err
C
Co
on
nffiig
gu
urra
attiio
on
n
P
Pa
atttte
errn
n
Φ
Φ
V
[1]
Φ
Φ
V
[2]
LXHLBW03
Emitter
Batwing
13.9
20
LXHLMWGC
Star
Batwing
13.9
20
LXHLNWG8
Star/O
[2]
Collimated
11.8
17
Notes for Table 3:
1.
Minimum luminous flux or performance guaranteed within published operating conditions. Philips Lumileds maintains a
tolerance of ± 10% on flux measurements.
2.
The efficiency of collimating optics is approximately 85%.
3.
LUXEON types with even higher luminous flux levels will become available in the future. Please consult your Philips
Lumileds Authorized Distributor or Philips Lumileds sales representative for more information.


Similar Part No. - LXHL-BW03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-BW03 ETC-LXHL-BW03 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-BW03 LUMILEDS-LXHL-BW03 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-BW03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com