Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CPT100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 63CPT100
Description  High Performance Schottky Generation 5.0, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

63CPT100 Datasheet(HTML) 1 Page - Vishay Siliconix

  63CPT100 Datasheet HTML 1Page - Vishay Siliconix 63CPT100 Datasheet HTML 2Page - Vishay Siliconix 63CPT100 Datasheet HTML 3Page - Vishay Siliconix 63CPT100 Datasheet HTML 4Page - Vishay Siliconix 63CPT100 Datasheet HTML 5Page - Vishay Siliconix 63CPT100 Datasheet HTML 6Page - Vishay Siliconix 63CPT100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94535
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-07
1
High Performance
Schottky Generation 5.0, 60 A
63CPT100
Vishay High Power Products
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Full lead (Pb)-free and RoHS compliant devices
• Designed and qualified for industrial level
APPLICATIONS
• High efficiency SMPS
• Automotive
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• Dc-to-dc systems
• Increased power density systems
PRODUCT SUMMARY
IF(AV)
60 A
VR
100 V
TO-247AC
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
60
A
VRRM
100
V
VF
30 Apk, TJ = 125 °C (typical, per leg)
0.61
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
63CPT100
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
100
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 156 °C, rectangular waveform
30
A
per device
60
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2200
10 ms sine or 6 ms rect. pulse
450
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3 A, L = 30 mH
135
mJ
Repetitive avalanche current
IAR
Limited by frequency of operation and time pulse duration so
that TJ < TJ max. IAS at TJ max. as a function of time pulse
See fig. 8
IAS at
TJ max.
A


Similar Part No. - 63CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
63CPT100 VISHAY-63CPT100 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100 Datasheet
143Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100_08 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100_12 Datasheet
143Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
More results

Similar Description - 63CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
18TT045-F VISHAY-18TT045-F_V01 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
02-Oct-12
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
Revision: 01-Apr-09
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 15 A
Revision: 04-Aug-08
30CTT100 VISHAY-30CTT100_V01 Datasheet
85Kb / 6P
   High Performance Schottky Generation 5.0, 30 A
2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com