Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PB01-0008 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXML-PB01-0008
Description  ultra-compact, surface-mount, high-power LED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PB01-0008 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXML-PB01-0008 Datasheet HTML 1Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PB01-0008 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LUXEON Rebel Datasheet DS56 (7/07)
4
Green
Cyan
WarmWhite
NeutralWhite
CoolWhite
Blue
RoyalBlue
Flux Characteristics for LUXEON Rebel—Thermal Pad Temperature = 25°C
Table 1.
P
Pe
errffo
orrm
ma
an
nc
ce
e a
att T
Te
es
stt C
Cu
urrrre
en
ntt
T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
a
att IIn
nd
diic
ca
atte
ed
d C
Cu
urrrre
en
ntt
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
T
Te
es
stt
R
Ra
ad
diio
om
me
ettrriic
c
D
Drriiv
ve
e
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
C
Co
ollo
orr
P
Pa
arrtt N
Nu
um
mb
be
err
Φ
Φ
V
V
[1] [3]
((m
mA
A))
Φ
Φ
V
V
[2] [3]
((m
mA
A))
LXMLPWC10040
40
350
80
700
LXMLPWC10050
50
350
95
700
LXMLPWC10070
70
350
130
700
LXMLPWC10080
80
350
145
700
LXMLPWC10090
90
350
160
700
LXMLPWC10100
100
350
180
700
LXMLPWN10040
40
350
80
700
LXMLPWN10050
50
350
95
700
LXMLPWN10070
70
350
130
700
LXMLPWN10080
80
350
145
700
LXMLPWW10040
40
350
80
700
LXMLPWW10050
50
350
95
700
LXMLPWW10060
60
350
110
700
LXMLPM010040
40
350
80
700
LXMLPM010050
50
350
95
700
LXMLPM010070
70
350
130
700
LXMLPM010080
80
350
145
700
LXMLPE010030
30
350
65
700
LXMLPE010040
40
350
80
700
LXMLPE010060
60
350
110
700
LXMLPE010070
70
350
130
700
LXMLPB010008
8.2
350
19
700
LXMLPB010010
10.7
350
22
700
LXMLPB010013
13.9
350
27
700
LXMLPB010018
18.1
350
38
700
LXMLPB010023
23.5
350
48
700
LXMLPR010175
175 mW
350
325 mW
700
LXMLPR010225
225 mW
350
400 mW
700
LXMLPR010275
275 mW
350
525 mW
700
Notes for Table 1:
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Philips
Lumileds maintains a tolerance of ± 6.5% on flux and power measurements.
2.
Typical luminous flux or radiometric power performance when device is operated within published operating conditions.
3.
LUXEON Rebel products with even higher luminous flux and radiometric power levels will become available in the future.
Please consult Philips Lumileds or Future Electronics for more information.


Similar Part No. - LXML-PB01-0008

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PB01-0018 LUMILEDS-LXML-PB01-0018 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
LXML-PB01-0023 LUMILEDS-LXML-PB01-0023 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
More results

Similar Description - LXML-PB01-0008

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
   Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Inolux Corporation
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
   Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
   Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
   Surface Mount High Power Ultraviolet LED
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
   Inolux Surface Mount High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com