Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8871B Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC8871B
Description  16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8871B Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC8871B Datasheet HTML 1Page - Burr-Brown (TI) DAC8871B Datasheet HTML 2Page - Burr-Brown (TI) DAC8871B Datasheet HTML 3Page - Burr-Brown (TI) DAC8871B Datasheet HTML 4Page - Burr-Brown (TI) DAC8871B Datasheet HTML 5Page - Burr-Brown (TI) DAC8871B Datasheet HTML 6Page - Burr-Brown (TI) DAC8871B Datasheet HTML 7Page - Burr-Brown (TI) DAC8871B Datasheet HTML 8Page - Burr-Brown (TI) DAC8871B Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
PIN CONFIGURATION (NOT TO SCALE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
LDAC
SDI
SCLK
CS
RST
RSTSEL
V
DD
V
OUT
V
CC
V
SS
AGND
V
-F
REFH
V
-S
REFH
V
-S
REFL
V
-F
REFL
DAC8871
DAC8871
SBAS396 – JUNE 2007
PW PACKAGE
TSSOP-16
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
1
VOUT
Analog output of the DAC
2
VCC
Positive analog power supply: +15V
3
VSS
Negative analog power supply: –15V
4
AGND
Analog ground
5
VREFH-F
VREFH reference input (Force). Connect to external VREFH.
6
VREFH-S
VREFH reference input (Sense). Connect to external VREFH.
7
VREFL-S
VREFL reference input (Sense). Connect to external VREFL.
8
VREFL-F
VREFL reference input (Force). Connect to external VREFL.
9
VDD
Digital power. +5V for 5V interface logic; +3V for 3V logic.
Power-On-Reset select. Determines VOUT after power-on reset. If tied to VDD, the DAC latch is set to mid-scale
10
RSTSEL
after power-on, and VOUT is (VREFH– VREFL)/2. If tied to DGND, the DAC latch is cleared ('0'), and VOUT is VREFL.
11
RST
Reset (active low)
12
CS
Chip select input (active low). Data are not clocked into SDI unless CS is low.
13
SCLK
Serial clock input
14
SDI
Serial data input. Data are latched into input register on the rising edge of SCLK.
Load DAC control input (active low). When LDAC is low, the DAC latch is simultaneously updated with the content
15
LDAC
of the input register.
16
DGND
Digital ground
5
Submit Documentation Feedback


Similar Part No. - DAC8871B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871B BURR-BROWN-DAC8871B Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8871B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871 BURR-BROWN-DAC8871 Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com