Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-2X009 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17-2X009
Description  Optocoupler, Phototransistor Output,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-2X009 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17-2X009 Datasheet HTML 1Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 2Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 3Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 4Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 5Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 6Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 7Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 8Page - Vishay Siliconix CNY17-2X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83606
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 09-Nov-05
3
CNY17
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Note
Current transfer ratio and collector-emitter leakage current by dash number (Tamb °C).
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5.0 V, IF = 10 mA
CNY17-1
CTR
40
80
%
CNY17-2
CTR
63
125
%
CNY17-3
CTR
100
200
%
CNY17-4
CTR
160
320
%
VCE = 5.0 V, IF = 1 mA
CNY17-1
CTR
13
30
%
CNY17-2
CTR
22
45
%
CNY17-3
CTR
34
70
%
CNY17-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR OPERATION (WITHOUT SATURATION)
Turn-on time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
fCO
250
kHz
SWITCHING OPERATION (WITH SATURATION)
Turn-on time
IF = 20 mA
CNY17-1
ton
3.0
µs
IF = 10 mA
CNY17-2
ton
4.2
µs
CNY17-3
ton
4.2
µs
IF = 5 mA
CNY17-4
ton
6.0
µs
Rise time
IF = 20 mA
CNY17-1
tr
2.0
µs
IF = 10 mA
CNY17-2
tr
3.0
µs
CNY17-3
tr
3.0
µs
IF = 5 mA
CNY17-4
tr
4.6
µs
Turn-off time
IF = 20 mA
CNY17-1
toff
18
µs
IF = 10 mA
CNY17-2
toff
23
µs
CNY17-3
toff
23
µs
IF = 5 mA
CNY17-4
toff
25
µs
Fall time
IF = 20 mA
CNY17-1
tf
11
µs
IF = 10 mA
CNY17-2
tf
14
µs
CNY17-3
tf
14
µs
IF = 5 mA
CNY17-4
tf
15
µs


Similar Part No. - CNY17-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-2X009 VISHAY-CNY17-2X009 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
CNY17-2X009T VISHAY-CNY17-2X009T Datasheet
190Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.9, 25-Oct-12
CNY17-2X009T VISHAY-CNY17-2X009T Datasheet
212Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 2.1, 08-Jan-14
CNY17-2X009T VISHAY-CNY17-2X009T Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com