Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY17-3X007
Description  Optocoupler, Phototransistor Output,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-3X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY17-3X007 Datasheet HTML 1Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 2Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 3Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 4Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 5Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 6Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 7Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 8Page - Vishay Siliconix CNY17-3X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83606
4
Rev. 1.5, 09-Nov-05
CNY17
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Linear Operation (without Saturation)
Fig. 2 - Switching Operation (with Saturation)
Fig. 3 - Current Transfer Ratio vs. Diode Current
Fig. 4 - Current Transfer Ratio vs. Diode Current
Fig. 5 - Current Transfer Ratio vs. Diode Current
Fig. 6 - Current Transfer Ratio vs. Diode Current
icny17_01
R
L = 75 Ω
V
CC = 5 V
I
C
47
Ω
I
F
I
F
1 k
Ω
V
CC = 5 V
47
Ω
icny17_02
1000
1
2
3
4
100
10
1
0.1
10
1
I
F (mA)
icny17_03
(T
A = - 25 °C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17_04
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 0 °C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17_05
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 25 °C, VCE = 5 V)
I
C/IF = f (IF)
1
2
3
4
icny17_06
1000
100
10
1
0.1
10
1
I
F (mA)
(T
A = 50 °C, VCE = 5 V)
I
C/IF = f (IF)


Similar Part No. - CNY17-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3X007 VISHAY-CNY17-3X007 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
CNY17-3X007T VISHAY-CNY17-3X007T Datasheet
190Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.9, 25-Oct-12
CNY17-3X007T VISHAY-CNY17-3X007T Datasheet
212Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 2.1, 08-Jan-14
CNY17-3X007T VISHAY-CNY17-3X007T Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com