Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S19100HSR3 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6S19100HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S19100HSR3 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6S19100HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S19100HSR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S19100HR3 MRF6S19100HSR3
Figure 15. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
1930
1960
1990
2.26 - j2.31
2.14 - j2.00
2.22 - j2.13
1.57 - j3.50
1.83 - j3.29
2.34 - j3.71
VDD = 28 Vdc, IDQ = 900 mA, Pout = 22 W Avg.
Zo = 5 Ω
Zload
Zsource
f = 1930 MHz
f = 1990 MHz
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
f = 1930 MHz
f = 1990 MHz


Similar Part No. - MRF6S19100HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19100HSR3 FREESCALE-MRF6S19100HSR3 Datasheet
413Kb / 12P
   RF Power Field Effect Transistors
MRF6S19100HSR3 FREESCALE-MRF6S19100HSR3 Datasheet
413Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S19100HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com