Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1106 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1106
Description  Continuous-Time Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1106 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1106 Datasheet HTML 4Page - Allegro MicroSystems A1106 Datasheet HTML 5Page - Allegro MicroSystems A1106 Datasheet HTML 6Page - Allegro MicroSystems A1106 Datasheet HTML 7Page - Allegro MicroSystems A1106 Datasheet HTML 8Page - Allegro MicroSystems A1106 Datasheet HTML 9Page - Allegro MicroSystems A1106 Datasheet HTML 10Page - Allegro MicroSystems A1106 Datasheet HTML 11Page - Allegro MicroSystems A1106 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LH, 3-Pin (SOT-23W)
B
B
B
0.95
2.975
0.180
1.91
0.40
0.05
1.00
0.25
0.38
2.90
10º
10º
Gauge Plane
Seating Plane
1.49
0.96
B
2
1
3
All dimensions nominal, not for tooling use
Dimensions in millimeters
A Active Area Depth 0.28
Hall element (not to scale)
A


Similar Part No. - A1106

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1106 ALLEGRO-A1106 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
logo
EPCOS
A1106 EPCOS-A1106 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1106 ALLEGRO-A1106 Datasheet
285Kb / 13P
   The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
A1106 ALLEGRO-A1106 Datasheet
756Kb / 13P
   Continuous-Time Switch Family
logo
DB Lectro Inc
A1106AG1 DBLECTRO-A1106AG1 Datasheet
241Kb / 1P
   DIP PLUG PITCH 2.54mm
More results

Similar Description - A1106

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com