Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2K2-MW12-11-BS00 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # L2K2-MW12-11-BS00
Description  the most robust and powerful LED
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2K2-MW12-11-BS00 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button L2K2-MW12-11-BS00 Datasheet HTML 4Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 5Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 6Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 7Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 8Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 9Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 10Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 11Page - Lumileds Lighting Company L2K2-MW12-11-BS00 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
8
Electrical Characteristics
Electrical Characteristics at 350mA
Part Numbers LXK2xxx2xxx, Junction Temperature, TJ = 25ºC
Table 4.
T
Ty
yp
piic
ca
all T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
D
Dy
yn
na
am
miic
c
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
R
Re
es
siis
stta
an
nc
ce
e [2]
V
Vo
olltta
ag
ge
e [3]
J
Ju
un
nc
cttiio
on
n tto
o
((V
V))
((Ω
Ω))
((m
mV
V//ooC
C))
C
Ca
as
se
e ((ooC
C//W
W))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
R
R
θθ
J
J C
C
CoolWhite
[4]
2.79
3.42
4.23
1.0
2.0
9 (13 for Star)
NeutralWhite
[4]
2.79
3.42
4.23
1.0
2.0
9 (13 for Star)
WarmWhite
[4]
2.79
3.42
4.23
1.0
2.0
9 (13 for Star)
Green
[4]
2.79
3.42
4.23
1.0
2.0
9
Cyan
[4]
2.79
3.42
4.23
1.0
2.0
9
Blue
[4]
2.79
3.42
4.23
1.0
2.0
9
Royal Blue
[4]
2.79
3.42
4.23
1.0
2.0
9
Red
2.31
2.95
3.51
2.4
2.0
12
RedOrange
2.31
2.95
3.51
2.4
2.0
12
Amber
2.31
2.95
3.51
2.4
2.0
12
Notes for Table 4:
1.
Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figures 14 and 15.
3.
Measured between 25°C = TJ = 110°C at If = 350 mA.
4.
The forward voltage of the LUXEON K2 LED will reduce by up to 0.30V at 350mA during the first few hours of operation
after SMT reflow. Due to this effect, Philips Lumileds recommends current source drive for consistent and reliable perform
ance. Cross connected series/parallel arrays or voltage drivers which could result in current hogging or variation in drive
current are not recommended. Please consult your Philips Lumileds authorized distributor or Philips Lumileds Sales
Representative for further information.


Similar Part No. - L2K2-MW12-11-BS00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2K2-MWC4-11-0160 LUMILEDS-L2K2-MWC4-11-0160 Datasheet
655Kb / 26P
   power LED
L2K2-MWC4-11-0180 LUMILEDS-L2K2-MWC4-11-0180 Datasheet
655Kb / 26P
   power LED
L2K2-MWC4-11-0200 LUMILEDS-L2K2-MWC4-11-0200 Datasheet
655Kb / 26P
   power LED
More results

Similar Description - L2K2-MW12-11-BS00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
ATMEL Corporation
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
T120G NEC-T120G Datasheet
963Kb / 2P
   The powerful departmental server
T120F NEC-T120F Datasheet
727Kb / 2P
   The powerful departmental server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com