Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO517 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO517
Description  IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO517 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO517 Datasheet HTML 1Page - STMicroelectronics LDO517 Datasheet HTML 2Page - STMicroelectronics LDO517 Datasheet HTML 3Page - STMicroelectronics LDO517 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_517
3/4
ELECTRICAL CHARACTERISTICS : (STAND-BY MODE)
3V < VIN < 5.5V, -30°C < TA < +125°C, COUT = 1µF ±20%, ESR < 1Ω, ILOAD = 500µA.
Typical case : VIN = 4V, Ambient temperature, ILOAD = 500µA.
TYPICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output current in stand-by
mode
IOUTSTDBY
500
µA
Quiescent Current in
stand-by mode
ISTDBY
ILOAD = 500µA
15
20
µA
Power Supply Rejection Ratio
in stand-by mode
PSRRSTY
DC ; Dropout > 1V
65
dB
f = 10KHz
65
f = 100KHz
45
Line Regulation in stand-by
mode
LIRSTBY
VIN = 3V to 5.5V
2
mV
Load Regulation in stand-by
mode
LDRSTBY
ILOAD = 100µA - 500µA
1
mV
Figure 3 : PSRR vs Dropout for Various Frequency (VOUT = 2.8V, Full Load)
0.1
1
-65
-60
-55
-50
DROPOUT VOLATAGE (mV)
F=100KHz
F=10KHz


Similar Part No. - LDO517

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
   IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
   IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
LDO513 STMICROELECTRONICS-LDO513 Datasheet
98Kb / 4P
   IP Library: Power Supply Range 2.9V to 13V, Low Power, 50mA Low Dropout Voltage Regulator
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
   IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
   IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
More results

Similar Description - LDO517

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
   IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
LDO58 STMICROELECTRONICS-LDO58 Datasheet
106Kb / 4P
   IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
LDOC516 STMICROELECTRONICS-LDOC516 Datasheet
24Kb / 4P
   IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
LDOC515 STMICROELECTRONICS-LDOC515 Datasheet
24Kb / 4P
   IP Library: Very Low power, Very High PSRR 100mA Low Dropout Voltage Regulator
LDO59 STMICROELECTRONICS-LDO59 Datasheet
95Kb / 4P
   IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
   IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
LDO52 STMICROELECTRONICS-LDO52 Datasheet
48Kb / 4P
   IP Library: High PSRR, Low Power, 70mA Low Dropout Voltage Regulator
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
   IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
logo
Rohm
BD90C0AFPS ROHM-BD90C0AFPS Datasheet
141Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BD80C0AFPS ROHM-BD80C0AFPS Datasheet
140Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com