Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-64517 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-64517
Description  THE CURRENT SENSE TRANSFORMERS & INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-64517 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-64517 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THT CURRENT SENSE
TRANSFORMERS & INDUCTORS
VDE Approved
Designed for switching power supply applications
Transformer meets IEC950 insulation requirements
Frequency range from 20kHz to 200kHz
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Part Number
Part Number
Part Number
Secondary
Secondary
Primary
Primary
Transformer
Schem.
Transformer
Schem.
Inductor
Schem.
Turns
Inductance
Inductance
RS
RT
Unipolar
Bipolar
with 2-1 T
Figure
with 1T
Figure
without
Figure
NS
MH
Test Voltage
(
Ω MAX) (Ω NOM)
Amp µ Sec.
Amp µ Sec.
Primaries
Primary
Primary
(MIN)
(15.75 KHz)
Rating (MAX)
Rating (MAX)
—1C
PE-63586
1A
PE-51686
2A
50
5.0
0.5
0.7
50
150
300
PE-64487
1C
PE-63587
1A
PE-51687
2A
100
20.0
1.0
1.40
100
300
600
PE-64488
1C
PE-63588
1A
PE-51688
2A
200
80.0
2.0
4.50
200
600
1200
PE-64517
1D
PE-51717
2B
50CT
5.0
0.5
0.7
50
150
300
PE-64518
1D
PE-63618
1B
PE-51718
2B
100CT
20.0
1.0
1.40
100
300
600
PE-64519
1D
PE-63619
1B
PE-51719
2B
200CT
80.0
2.0
4.50
200
600
1200
——
PE-63691
1B
300CT
180.0
3.0
11.0
300
900
1800
3
1
2
5
3
1
2
6
7
5
1
3
1
63
2
75
4
PE-XXXXX
DATE CODE
0.900
22,86
MAX
0.700
17,78
MAX
0.700
17,78
MAX
0.700
17,78
.200
5,08
.010
0,25
MIN
.500
12,70
MIN
.500
12,70
.250
6,35
.030
±
.002
0,76 ,051
2X
.051
±
.003
1,30 ,076
4X
V
D E
1441
(Leads: 1,2,6,7)
(Leads: 3,5)
Transformer
Inductor
1A
1C
2A
2B
1D
1B
NOTES:
1. Maximum ratings specified with rated secondary terminating resistance
and 1 turn primary.
2. Amp-microsecond (AµSec.) rating of primary equals volt microsecond
(VµSec.) rating of secondary when secondary is terminated in rated
resistance. (Amp—microseconds is equal to the product of a square
pulse of current in amps, times the current pulse width in microseconds.
3. Maximum operating temperature 105°C (ambient plus rise).
4. When terminated with rated terminating resistance, the inductor scale
factor is Vout = 1 volt per amp. for center tapped units terminating
resistance for each half of winding is listed value divided by two.
5. 1 turn primary peak sense current is 20 amps for all parts listed above.
6. RoHS compliant parts are being introduced. Please contact Pulse for
RoHS compliant part availability. If available, order part by adding the suf-
fix "NL" to the part number (i.e. PE-63586 becomes PE-63586NL).
0.390
9,906 MAX
0.652
17,01 MAX
0.800
20,32
0.500
12,70
0.500
12,70
.015
0,38 MIN
.170
4,32 MIN
.030 .002
0,76 ± 0,05
Solderable
Pin
.500/.700
12,7/17,78MAX/MIN
1457
3
1
2
5
4
3
1
2
4
6
7
5
1
3
2
Mechanicals
Schematics
Unless otherwise specified, all tolerances are ± .005
0,13
Dimensions: Inches
mm
V
D E
www.pulseeng.com
P578.A (3/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Similar Part No. - PE-64517

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-64517 PULSE-PE-64517 Datasheet
72Kb / 1P
   VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements
PE-64517 PULSE-PE-64517 Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-64517 PULSE-PE-64517 Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-64517 PULSE-PE-64517 Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-64517 PULSE-PE-64517 Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
More results

Similar Description - PE-64517

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Pulse A Technitrol Comp...
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Pulse A Technitrol Comp...
PE-63587NL PULSE-PE-63587NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com