Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

730P564X9250 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 730P564X9250
Description  Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

730P564X9250 Datasheet(HTML) 1 Page - Vishay Siliconix

  730P564X9250 Datasheet HTML 1Page - Vishay Siliconix 730P564X9250 Datasheet HTML 2Page - Vishay Siliconix 730P564X9250 Datasheet HTML 3Page - Vishay Siliconix 730P564X9250 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 42029
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 07-Feb-07
25
Type 730P
Vishay Sprague
Film Capacitors
High Frequency, Wrap-and-Fill, Metallized Polypropylene
Not for New Design
FEATURES
• Excellent AC performance
• Low Power dissipation
• Low dielectric absorption
• Close tolerance
• High stability
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
Voltage derating:
At + 105 °C, 50 % of + 85 °C rating
ESR: 20 kHz to 100 kHz
Capacitance Range: 0.022 µF to 10.0 µF
Capactiance Tolerance: ± 20 %, ± 10 %, ± 5 %
DC Voltage Rating: 100 WVDC to 630 WVDC
AC Voltage Rating: 70 Vrms to 275 Vrms, 60 Hz to 400 Hz
Dissipation Factor: 0.1 % maximum
Measure all units at 1000 Hz at + 25 °C
DC Voltage Test: 200 % of rated voltage for 2 minutes
AC Voltage Test: 130 % of rated rms voltage at 60 Hz for
15 seconds
Insulation Resistance: Measured at 100 WVDC after a
2 minute charge.
At + 25 °C: 200 000 Megohm - Microfarads
or 400 000 Megohm minimum.
At + 85 °C: 10 000 Megohm - Microfarads
or 20 000 Megohm minimum.
At + 105 °C: 1000 Megohm - Microfarads
or 2000 Megohm minimum.
Vibration Test (Condition B): No mechanical damage,
short, open or intermittent circuits.
DC Life Test: 150 % of rated voltage for 1000 hours
at + 85 °C. No open or short circuits. No visible damage.
Maximum
Δ CAP ± 1.0 %
Minimum IR = 50 % of initial limit
Maximum DF = 0.12 %
Humidity Test: 95 % relative humidity at + 40 °C for 250
hours. No visible damage.
Maximum
Δ CAP ± 1.0 %
Minimum IR = 20 % of initial limit
Maximum DF = 0.12 %
AC Life Test: 110 % of rated rms voltage at 60 Hz for 1000
hours at + 85 °C.
Maximum
Δ CAP ± 5 %
Minimum IR = 50 % of initial limit
Maximum DF = 0.12 %
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute. No
physical damage.
Lead Bend: After three complete consecutive bends. No
damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
* Leads to be within 0.062" [1.57 mm] of center line at egrees but not less than 0.031" [0.79 mm] from edge.
DIMENSIONS in inches [millimeters]
L
± 0.062 [1.57]
1.750
[44.45]
Min.
Solid Tinned Wire
0.032 [0.81] Nominal Dia.
(No. 20 AWG)
1.750
[44.45]
Min.
D
Max.


Similar Part No. - 730P564X9250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
730 ETC2-730 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
   6A 400V N-channel Enhancement Mode Power MOSFET
logo
3M Electronics
730 3M-730 Datasheet
499Kb / 5P
   700-Series SMP Products:
730 3M-730 Datasheet
499Kb / 5P
   3M??700-Series SMP Products
2015
logo
Qualtek Electronics Cor...
730-00-00 QUALTEK-730-00-00 Datasheet
304Kb / 1P
   RETAINER CLIP KIT
More results

Similar Description - 730P564X9250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com