Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OQ2538HP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # OQ2538HP
Description  SDH/SONET main amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OQ2538HP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button OQ2538HP Datasheet HTML 5Page - NXP Semiconductors OQ2538HP Datasheet HTML 6Page - NXP Semiconductors OQ2538HP Datasheet HTML 7Page - NXP Semiconductors OQ2538HP Datasheet HTML 8Page - NXP Semiconductors OQ2538HP Datasheet HTML 9Page - NXP Semiconductors OQ2538HP Datasheet HTML 10Page - NXP Semiconductors OQ2538HP Datasheet HTML 11Page - NXP Semiconductors OQ2538HP Datasheet HTML 12Page - NXP Semiconductors OQ2538HP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Nov 26
9
Philips Semiconductors
Preliminary specification
SDH/SONET main amplifier
OQ2538HP
Fig.8 S21 characteristic, measured on the OQ2538HP test PCB.
handbook, full pagewidth
MGM160
start: 30 kHz
S21
log MAG
40 dB
stop: 6 GHz
(2)
(4)
(3)
(1)
Vertical scale 6 dB/division.
Linear frequency sweep: start: 30 kHz; stop: 6 GHz.
(1) 41.603 dB; 1 GHz.
(2) 38.633 dB; 3.45 GHz.
(3) 41.291 dB; 2 GHz.
(4) 41.386 dB; 2.5 GHz.


Similar Part No. - OQ2538HP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
More results

Similar Description - OQ2538HP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com