Part Name
         Description
CY28323

 FTG for Intel® Pentium® 4 CPU and Chipsets ( 22 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 3 page
background image
PRELIMINARY
CY28323
Document #: 38-07004 Rev. *B
Page 3 of 22
24_48MHz/FS1
23
I/O
24- or 48-MHz Output/Frequency Select 1: 3.3V fixed 24-MHz or 48-MHz
non-spread spectrum output. This pin also serves as a power-on strap option to
determine device operating frequency as described in Table 4.
This output will be used as the reference clock for SIO devices in Intel 845
(Brookdale) platforms. For Intel Brookdale - G platforms, this output will be used
as the reference clock for both USB host controller and SIO devices. We recom-
mend system designer to configure this output as 48 MHz and “HIGH Drive” by
setting Byte [5], Bit [0] and Byte [9], Bit [7], respectively.
PWR_DWN#
42
I
Power Down Control: 3.3V LVTTL-compatible input that places the device in
power-down mode when held LOW.
SCLK
26
I
SMBus Clock Input: Clock pin for serial interface.
SDATA
25
I/O
SMBus Data Input: Data pin for serial interface.
RST#
20
O
(open-
drain)
System Reset Output: Open-drain system reset output.
IREF
35
I
Current Reference for CPU Output: A precision resistor is attached to this pin
which is connected to the internal current reference.
VTT_PWRGD#
19
I
Powergood from Voltage Regulator Module (VRM): 3.3V LVTTL input.
VTT_PWRGD# is a level-sensitive strobe used to determine when FS0:4 and
MULTSEL0:1 inputs are valid and OK to be sampled (Active LOW). Once
VTT_PWRGD# is sampled LOW, the status of this input will be ignored.
VDD_REF,
VDD _PCI,
VDD_48MHz,
VDD_3V66,
VDD_CPU
2, 9, 18, 24,
32, 39, 46
P
3.3V Power Connection: Power supply for CPU outputs buffers, 3V66 output
buffers, PCI output buffers, reference output buffers and 48-MHz output buffers.
Connect to 3.3V.
GND_PCI,
GND_48MHz,
GND_3V66,
GND_CPU,
GND_REF,
5, 13, 21, 29,
36, 43, 47
G
Ground Connection: Connect all ground pins to the common system ground
plane.
VDD_CORE
34
P
3.3V Analog Power Connection: Power supply for core logic, PLL circuitry. Con-
nect to 3.3V.
GND_CORE
33
G
Analog Ground Connection: Ground for core logic, PLL circuitry.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY28324FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28349FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28349BFTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28323PVCFTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28344FTG for Intel Pentium 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28378FTG for Pentium and Intel® 845 Series Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28317-2FTG for Mobile VIA™ PL133T and PLE133T Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
8224CLOCK GENERATOR AND DRIVER FOR 8080A CPU 1 2 3 4 5 Intel Corporation
CY2277APentium®/II 6x86 K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel® 82430TX and 2 DIMMs or 3 SO-DIMMs 1 2 3 4 5 MoreSpectraLinear Inc
CY28325-3FTG for VIA™ Pentium 4™ Chipsets 1 2 3 4 5 MoreSpectraLinear Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl