Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7164 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7164
Description  Double−Balanced Mixer & Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7164 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7164 Datasheet HTML 1Page - NTE Electronics NTE7164 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7164
Integrated Circuit
Double−Balanced Mixer & Oscillator
Description:
The NTE7164 is a low−power VHF monolithic double−balanced mixer with input amplifier, on−board
oscillator, and voltage regulator in an 8−Lead DIP type package designed for use in high performance,
low power communication systems. The gain, intercept performance, low−power and noise charac-
teristics make the NTE7164 a superior choice for high−performance battery operated equipmemnt.
Features:
D Low Current Consumption
D Excellent Noise Figure
D High Operating Frequency
D Excellent Gain, Intercept and Sensitivity
D Low External Parts Count; Suitable for Crystal/Ceramic Filters
Applications:
D Cellular Radio Mixer/Oscillator
D Portable Radio
D VHF Transceivers
D RF Data Links
D HF/VHF Frequency Conversion
D Instrumentation Frequency Conversion
D Broadband LANs
Absolute Maximum Ratings:
Maximum Operating Voltage, VCC
9V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
−40° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−65° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 6V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Voltage Range
VCC
4.5
8.0
V
DC Current Drain
2.4
2.8
mA
Input Signal Frequency
fIN
500
MHz
Oscillator Frequency
fOSC
200
MHz


Similar Part No. - NTE7164

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
   Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
   Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
   DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
More results

Similar Description - NTE7164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com