Electronic Components Datasheet Search |
|
AT76C517 Datasheet(PDF) 1 Page - ATMEL Corporation |
|
AT76C517 Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 3 page NOTE: This is a summary document. The complete document is available under NDA. For more information, please contact your local Atmel sales office. Features • On-chip OFDM Baseband Supports All the Transmission Modes of the IEEE 802.11a Specification and the OFDM Modes of the IEEE 802.11g Specification (6, 9, 12, 18, 24, 36, 48, and 54 Mbps) • On-chip DSSS/CCK Baseband Supports All Transmission Modes of the IEEE 802.11b Specification (1, 2, 5.5, 11 Mbps) • Single 20 MHz or 40 MHz Input Clock Generates the Internal System Clock and the 44 MHz Clock for the DSSS/CCK Baseband • Low Pin Count Flexible MAC Layer Interface • Flexible RF Interface Allows Glueless Communication with Various Dual Mode (802.11a/g) RF Devices • On-chip Automatic Gain Control • On-chip DC Offset Remove Mechanism • Analog and Digital Gain Vector for the RF Transceiver • SPI Interface for Configuration/Control • 8 GPIO to Control External 11a/g PAs, On/Off of RF Devices and Antenna Diversity • Digital or Analog Interface to the RF Devices • Up to 4 Auxiliary Analog to Digital Converters (Depending On the Package) • Up to 2 Auxiliary Purpose Digital to Analog Converters • 1.8 Volt Core Voltage Supply • 3.3 Volt I/O Voltage Supply • 100-ball TFBGA Package 802.11a/b/g BaseBand Controller Debug DAC DAC MAC I/F Register File ADC ADC DAC DAC BaseBand 11a/b/g ADC ADC GPIO Q Q I I Tx VGA Rx VGA Aux1 Aux0 Analog Front End PLL Clock Reset Test 802.11a/b/g Baseband Controller AT76C517 Summary 5642AS–WLAN–07/06 |
Similar Part No. - AT76C517 |
|
Similar Description - AT76C517 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |