Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM55DR61H106KA88L Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # GRM55DR61H106KA88L
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GRM55DR61H106KA88L Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button GRM55DR61H106KA88L Datasheet HTML 5Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 6Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 7Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 8Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 9Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 10Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 11Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 12Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
9
RF Device Data
Freescale Semiconductor
Zo = 25 Ω
Zload
Zsource
f = 385 MHz
f = 545 MHz
f = 545 MHz
f = 385 MHz
VDD = 28 Vdc, IDQ = 1100 mA, Pout = 25 W Avg.
f
MHz
Zsource
W
Zload
W
385
4.735 + j2.917
2.229 + j5.627
405
4.073 + j4.202
1.809 + j6.123
425
3.987 + j5.466
1.842 + j6.684
445
3.909 + j6.743
1.767 + j7.187
465
4.094 + j7.661
1.822 + j7.338
485
4.128 + j9.483
1.566 + j8.397
505
4.446 + j11.620
1.525 + j9.787
525
4.921 + j13.710
1.769 + j11.120
545
5.437 + j15.838
2.023 + j12.467
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 16. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - GRM55DR61H106KA88L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
GRM55DR61H106KA88L NXP-GRM55DR61H106KA88L Datasheet
377Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
GRM55DR61H106KA88L NXP-GRM55DR61H106KA88L Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
More results

Similar Description - GRM55DR61H106KA88L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com