Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3203S Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT97SC3203S
Description  Trusted Platform Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203S Datasheet(HTML) 3 Page - ATMEL Corporation

  AT97SC3203S Datasheet HTML 1Page - ATMEL Corporation AT97SC3203S Datasheet HTML 2Page - ATMEL Corporation AT97SC3203S Datasheet HTML 3Page - ATMEL Corporation AT97SC3203S Datasheet HTML 4Page - ATMEL Corporation AT97SC3203S Datasheet HTML 5Page - ATMEL Corporation AT97SC3203S Datasheet HTML 6Page - ATMEL Corporation AT97SC3203S Datasheet HTML 7Page - ATMEL Corporation AT97SC3203S Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
5132BS–TPM–1/08
AT97SC3203S
Figure 2-2.
AT97SC3203S Block Diagram
2.
Description (continued)
Communication to and from the TPM occurs through a modified 100-kHz SMBus two-wire inter-
face. The TPM includes a hardware random number generator, including a FIPS-approved
Pseudo Random Number Generator, that is used for key generation and TCG protocol func-
tions. The RNG is also available to the system to generate random numbers that may be needed
during normal operation.
The chip uses a dynamic internal memory management scheme to store multiple RSA keys.
Other than the standard TCG commands (TPM_FlushSpecific, TPM_Loadkey2), no system
intervention is required to manage this internal key cache.
Full documentation for TCG primitives can be found on the TCG Web site located at www.trust-
edcomputinggroup.org. This specification includes only mechanical, electrical and SMBus
protocol information.
33 MHz
AVR
Clock Input
AVR
8-Bit RISC
CPU
Physical
Security
Circuitry
SMBDAT
SMBus Interface
GPIO
RTC
(Optional)
VBAT
32.768 kHz
RNG
Timer
ROM
Program
EEPROM
Program
EEPROM
Data
CRYPTO
Engine
SRAM
GPIO6
SMBCLK


Similar Part No. - AT97SC3203S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
AT97SC3203S-X5A40 ATMEL-AT97SC3203S-X5A40 Datasheet
212Kb / 8P
   Trusted Platform Module
AT97SC3203S-X5M40 ATMEL-AT97SC3203S-X5M40 Datasheet
212Kb / 8P
   Trusted Platform Module
More results

Similar Description - AT97SC3203S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com