Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28341OC-3T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28341OC-3T
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28341OC-3T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28341OC-3T Datasheet HTML 1Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 2Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 3Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 4Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 5Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 6Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 7Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 8Page - Cypress Semiconductor CY28341OC-3T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PRELIMINARY
CY28341-3
Document #: 38-07580 Rev. **
Page 2 of 19
Pin Description[2]
Pin Number
Pin Name
PWR
I/O
Pin Description
3XIN
I
Oscillator Buffer Input. Connect to a crystal or to an external clock.
4
XOUT
VDD
O Oscillator Buffer Output. Connect to a crystal. Do not connect when an
external clock is applied at XIN.
1
FS0/REF0
VDDR
I/O
PU
Power-on Bidirectional Input/Output. At power-up, FS0 is the input. When
the power supply voltage crosses the input threshold voltage, FS0 state is
latched and this pin becomes REF0, buffered copy of signal applied at XIN.
(1-2 x strength, selectable by SMBus. Default value is 1 x strength.)
56
VTTPWRGD#
VDDR
I
If SELP4_K7 = 1, with a P4 processor set up as CPUT/C. At power-up,
VTT_PWRGD# is an input. When this input transitions to a logic low, the FS
(3:0) and MULTSEL are latched and all output clocks are enabled. After the
first high to low transition on VTT_PWRGD#, this pin is ignored and will not
effect the behavior of the device thereafter. When the VTT_PWRGD# feature
is not used, please connect this signal to ground through a 10K
Ω resistor.
REF1
VDDR
O
If SELP4_K7 = 0, with an Athlon (K7) processor as CPU_OD(T:C).
VTT_PWRGD# function is disabled, and the feature is ignored. This pin
becomes REF1 and is a buffered copy of the signal applied at XIN.
44,42,38,
36,32,30
DDRT (0:5)
VDDD
O DDR Clock Outputs.
43,41,37
35,31,29
DDRC (0:5)
VDDD
O DDR Clock Outputs.
7
SELP4_K7 /
AGP1
VDDAGP
I/O
PU
Power-on Bidirectional Input/Output. At power-up, SELP4_K7 is the input.
When the power supply voltage crosses the input threshold voltage,
SELP4_K7 state is latched and this pin becomes AGP1 clock output.
SELP4_K7 = 1, P4 mode. SELP4_K7 = 0, K7 mode.
12
MULTSEL/PCI2
VDDPCI I/O
PU
Power-on Bidirectional Input/Output. At power-up, MULTSEL is the input.
When the power supply voltage crosses the input threshold voltage, MULTSEL
state is latched and this pin becomes PCI2 clock output. MULTSEL = 0, Ioh is
4 x IREFMULTSEL = 1, Ioh is 6 x IREF
53
CPUT/CPUOD_T
VDDC
O
3.3V CPU Clock Outputs. This pin is programmable through strapping pin7,
SELP4_K7. If SELP4_K7 = 1, this pin is configured as the CPUT Clock Output.
If SELP4_K7 = 0, this pin is configured as the CPUOD_T Open Drain Clock
Output. See Table 1
52
CPUC/CPUOD_C
VDDC
O
3.3V CPU Clock Outputs. This pin is programmable through strapping pin7,
SELP4_K7. If SELP4_K7 = 1, this pin is configured as the CPUC Clock Output.
If SELP4_K7 = 0, this pin is configured as the CPUOD_C Open Drain Clock
Output. See Table 1
48,49
CPUCS_T/C
VDDI
O 2.5V CPU Clock Outputs for Chipset. See Table 1.
14,15,17,18 PCI (3:6)
VDDPCI
O PCI Clock Outputs. Are synchronous to CPU clocks. See Table 1
10
FS1/PCI_F
VDDPCI I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS0 is the input. When
the power supply voltage crosses the input threshold voltage, FS1 state is
latched and this pin becomes PCI_F clock output.
20
FS3/48M
VDD48M I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS3 is the input. When
the power supply voltage crosses the input threshold voltage, FS3 state is
latched and this pin becomes 48M, a USB clock output.
11
PCI1
VDDPCI I/O
PD
PCI Clock Output.
21
FS2/24_48M
VDD48M I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS2 is the input. When
the power supply voltage crosses the input threshold voltage, FS2 state is
latched and this pin becomes 24_48M, a SIO programmable clock output.
6
AGP0
VDDAGP
O AGP Clock Output. Is synchronous to CPU clocks. See Table 1.
8
AGP2
VDDAGP
O AGP Clock Output. Is synchronous to CPU clocks. See Table 1.
Note:
2. PU = internal pull-up. PD = internal pull-down. Typically = 250 K
Ω (range 200 KΩ to 500 KΩ).


Similar Part No. - CY28341OC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341OC-3T SPECTRALINEAR-CY28341OC-3T Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341OC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com