Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28341ZC-3 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28341ZC-3
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28341ZC-3 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28341ZC-3 Datasheet HTML 1Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 2Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 3Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 4Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 5Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 6Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 7Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 8Page - Cypress Semiconductor CY28341ZC-3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PRELIMINARY
CY28341-3
Document #: 38-07580 Rev. **
Page 3 of 19
Power Management Functions
All clocks can be individually enabled or stopped via the
two-wire control interface. All clocks are stopped in the low
state. All clocks maintain a valid high period on transitions from
running to stop and on transitions from stopped to running
when the chip was not powered down. On power up, the VCOs
will stabilize to the correct pulse widths within about 0.5 mS.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initializes to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 2.
The block write and block read protocol is outlined in Table 3
while Table 4 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
25
IREF
I
Current reference programming input for CPU buffers. A precise resistor
is attached to this pin, which is connected to the internal current reference.
28
SDATA
I/O
Serial Data Input. Conforms to the Phillips I2C specification of a Slave
Receive/Transmit device. It is an input when receiving data. It is an open drain
output when acknowledging or transmitting data.
27
SCLK
I
Serial Clock Input. Conforms to the Philips I2C specification.
26
PD#/SRESET#
I/O
PU
Power-down Input/System Reset Control Output. If Byte6 Bit7 = 0(default),
this pin becomes a SRESET# open drain output. See system reset description.
If Byte6Bit7 = 1, this pin becomes PD# input with an internal pull-up. When
PD# is asserted low, the device enters power down mode. See power
management function.
45
BUF_IN
Input to DDR Differential Buffers.
46
FBOUT
2.5V single-ended SDRAM buffered output of the signal applied at
BUF_IN.
5
VDDAGP
3.3V power supply for AGP clocks.
51
VDDC
3.3V power supply for CPUT/C clocks.
16
VDDPCI
3.3V power supply for PCI clocks.
55
VDDR
3.3V power supply for REF clock.
50
VDDI
2.5V power supply for CPUCS_T/C clocks.
22
VDD_48M
3.3V power supply for 48M.
23
VDD
3.3V Common power supply.
34,40
VDDD
2.5V power supply for DDR clocks.
9
VSSAGP
Ground for AGP clocks.
13
VSSPCI
Ground for PCI clocks.
54
VSSC
Ground for CPUT/C clocks.
33,39
VSSD
Ground for DDR clocks.
19
VSS_48M
Ground for 48M clock.
47
VSSI
Ground for CPUCS_T/C clocks.
2VSSR
Ground for REF.
24
VSS
Common Ground.
Pin Description[2] (continued)
Pin Number
Pin Name
PWR
I/O
Pin Description


Similar Part No. - CY28341ZC-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341ZC-3 SPECTRALINEAR-CY28341ZC-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
CY28341ZC-3T SPECTRALINEAR-CY28341ZC-3T Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341ZC-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com