Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28346 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28346
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28346 Datasheet HTML 4Page - Cypress Semiconductor CY28346 Datasheet HTML 5Page - Cypress Semiconductor CY28346 Datasheet HTML 6Page - Cypress Semiconductor CY28346 Datasheet HTML 7Page - Cypress Semiconductor CY28346 Datasheet HTML 8Page - Cypress Semiconductor CY28346 Datasheet HTML 9Page - Cypress Semiconductor CY28346 Datasheet HTML 10Page - Cypress Semiconductor CY28346 Datasheet HTML 11Page - Cypress Semiconductor CY28346 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *C
Page 8 of 20
USB and DOT 48M Phase Relationship
The 48MUSB and 48MDOT clocks are in phase. It is under-
stood that the difference in edge rate will introduce some
inherent offset. When 3V66_1/VCH clock is configured for
VCH (48-MHz) operation it is also in phase with the USB and
DOT outputs. See Figure 5.
66IN to 66B(0:2) Buffered Prop Delay
The 66IN to 66B(0:2) output delay is shown in Figure 6.
The Tpd is the prop delay from the input pin (66IN) to the
output pins (66B[0:2]). The outputs’ variation of Tpd is
described in the AC parameters section of this data sheet. The
measurement taken at 1.5V.
66B(0:2) to PCI Buffered Clock Skew
Figure 7 shows the difference (skew) between the 3V33(0:5)
outputs when the 66M clocks are connected to 66IN. This
offset is described in the Group Timing Relationship and Toler-
ances section of this data sheet. The measurements were
taken at 1.5V.
3V66 to PCI Un-Buffered Clock Skew
Figure 8 shows the timing relationship between 3V66(0:5) and
PCI(0:6) and PCI_F(0:2) when configured to run in the unbuf-
fered mode.
Ro
3000
Ω (recommended)
N/A
Ros
Vout
N/A
1.2V
Table 4. Host Clock (HCSL) Buffer Characteristics
Table 5. CPU Clock Current Select Function
Mult0
Board Target Trace/Term Z
Reference R, Iref – Vdd (3*Rr)
Output Current
Voh @ Z
050
Rr = 221 1%, Iref = 5.00mA
Ioh = 4*Iref
1.0V @ 50
150
Rr = 475 1%, Iref = 2.32mA
Ioh = 6*Iref
0.7V @ 50
Table 6. Group Timing Relationship and Tolerances
Description
Offset
Tolerance
Conditions
3V66 to PCI
2.5 ns
±1.0 ns
3V66 Leads PCI (unbuffered mode)
48MUSB to 48MDOT Skew
0.0 ns
±1.0 ns
0 degrees phase shift
66B(0:2) to PCI offset
2.5 ns
±1.0 ns
66B Leads PCI (buffered mode)
48MUSB
48MDOT
Figure 5. 48MUSB and 48MDOT Phase Relationship
66IN
66B(0:2)
Tpd
Figure 6. 66IN to 66B(0:2) Output Delay Figure
66B(0:2)
PCI(0:6)
PCIF(0:2)
1.5-
3.5ns
Figure 7. Buffer Mode – 33V66(0:1); 66BUF(0:2) Phase Relationship


Similar Part No. - CY28346

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com