Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28349B Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28349B
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28349B Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28349B_05 Datasheet HTML 4Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 5Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 6Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 7Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 8Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 9Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 10Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 11Page - Cypress Semiconductor CY28349B_05 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CY28349B
Document #: 38-07454 Rev. *B
Page 8 of 21
Bit 2
FS_Override
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
0
Bit 1
27
SEL 3V66
0 = 48-MHz output on pin 27
1 = 66-MHz output on pin 27
0
Bit 0
23
SEL 48MHZ
0 = 24-MHz
1 = 48-MHz
0
Data Byte 6
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
Revision_ID3
Revision ID bit[3]
0
Bit 6
Revision_ID2
Revision ID bit[2]
0
Bit 5
Revision_ID1
Revision ID bit[1]
0
Bit 4
Revision_ID0
Revision ID bit[0]
0
Bit 3
Vendor_ID3
Bit[3] of Cypress’s Vendor ID. This bit is read-only.
1
Bit 2
Vendor_ID2
Bit[2] of Cypress’s Vendor ID. This bit is read-only.
0
Bit 1
Vendor _ID1
Bit[1] of Cypress’s Vendor ID. This bit is read-only.
0
Bit 0
Vendor _ID0
Bit[0] of Cypress’s Vendor ID. This bit is read-only.
0
Data Byte 7
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
Reserved
Reserved
0
Bit 6
Reserved
Reserved
0
Bit 5
Reserved
Reserved
0
Bit 4
Reserved
Reserved
0
Bit 3
Reserved
Reserved
0
Bit 2
Reserved
Reserved
0
Bit 1
Reserved
Reserved
0
Bit 0
Reserved
Reserved
0
Data Byte 8
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
Reserved
Reserved
0
Bit 6
Reserved
Reserved
0
Bit 5
WD_TIMER4
These bits store the time-out value of the Watchdog Timer.
The scale of the timer is determine by the pre-scaler. The
timer can support a value of 150 ms to 4.8 sec when the
pre-scaler is set to 150 ms. If the prescaler is set to 2.5 sec,
it can support a value from 2.5 sec to 80 sec. When the
Watchdog Timer reaches “0,” it will set the WD_TO_STATUS
bit and generate Reset if RST_EN_WD is enabled.
1
Bit 4
WD_TIMER3
1
Bit 3
WD_TIMER2
1
Bit 2
WD_TIMER1
1
Bit 1
WD_TIMER0
1
Bit 0
WD_PRE_SCALER
0 = 150 ms
1 = 2.5 sec
0
Data Byte 5 (continued)
Bit
Pin#
Name
Pin Description
Power On
Default


Similar Part No. - CY28349B_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349BOC SPECTRALINEAR-CY28349BOC Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOCT CYPRESS-CY28349BOCT Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349BOCT SPECTRALINEAR-CY28349BOCT Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349BOXC SPECTRALINEAR-CY28349BOXC Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28349B_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com