Part Name
         Description
CY28349B_05

 FTG for Intel® Pentium® 4 CPU and Chipsets ( 21 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 3 page
background image
CY28349B
Document #: 38-07454 Rev. *B
Page 3 of 21
PWR_DWN#
42
I
Power-down Control: 3.3V LVTTL compatible input that places the device in
power down mode when held low.
SCLK
26
I
SMBus Clock Input: Clock pin for serial interface.
SDATA
25
I/O
SMBus Data Input: Data pin for serial interface.
RST#
20
O
(open-d
rain)
System Reset Output: Open-drain system reset output.
IREF
35
I
Current Reference for CPU Output: A precision resistor is attached to this pin
which is connected to the internal current reference.
VTT_PWRGD#
19
I
Powergood from Voltage Regulator Module (VRM): 3.3V LVTTL input.
VTT_PWRGD# is a level-sensitive strobe used to determine when FS0:4 and
MULTSEL0:1 inputs are valid and OK to be sampled (Active LOW). Once
VTT_PWRGD# is sampled LOW, the status of this input will be ignored.
VDD_REF,
VDD _PCI,
VDD_48MHz,
VDD_3V66,
VDD_CPU
2, 9, 18, 24,
32, 39, 46
P
3.3V Power Connection: Power supply for CPU outputs buffers, 3V66 output
buffers, PCI output buffers, reference output buffers and 48-MHz output buffers.
Connect to 3.3V.
GND_PCI,
GND_48MHz,
GND_3V66,
GND_CPU,
GND_REF,
5, 13, 21, 29,
36, 43, 47
G
Ground Connection: Connect all ground pins to the common system ground
plane.
VDD_CORE
34
P
3.3V Analog Power Connection: Power supply for core logic, PLL circuitry.
Connect to 3.3V.
GND_CORE
33
G
Analog Ground Connection: Ground for core logic, PLL circuitry.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY28324FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28349FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28349BFTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28323FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreCypress Semiconductor
CY28324_02FTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreCypress Semiconductor
CY28323PVCFTG for Intel® Pentium® 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28344FTG for Intel Pentium 4 CPU and Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
CY28378FTG for Pentium and Intel® 845 Series Chipset 1 2 3 4 5 MoreSpectraLinear Inc
CY28317-2FTG for Mobile VIA™ PL133T and PLE133T Chipsets 1 2 3 4 5 MoreSpectraLinear Inc
8224CLOCK GENERATOR AND DRIVER FOR 8080A CPU 1 2 3 4 5 Intel Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl