Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28346ZXC-2T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28346ZXC-2T
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346ZXC-2T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28346ZXC-2T Datasheet HTML 1Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28346ZXC-2T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PRELIMINARY
CY28346-2
Document #: 38-07509 Rev. *B
Page 5 of 20
Byte 3: PCIF Clock and 48M Control Register (all bits are read and write functional)
Bit
@Pup
Name
Description
7
1
48M_DOT
48M_DOT Output Control,1 = enabled, 0 = forced LOW
6
1
48M_USB
48M_USB Output Control,1 = enabled, 0 = forced LOW
5
0
PCIF2
PCI_STP#, control of PCIF2.
0 = Free Running, 1 = Stopped when PCI_STP# is LOW
4
0
PCIF1
PCI_STP#, control of PCIF1.
0 = Free Running, 1 = Stopped when PCI_STP# is LOW
3
0
PCIF0
PCI_STP#, control of PCIF0.
0 = Free Running, 1 = Stopped when PCI_STP# is LOW
2
1
PCIF2
PCIF2 Output Control. 1=running, 0=forced LOW
1
1
PCIF1
PCIF1 Output Control. 1= running, 0=forced LOW
0
1
PCIF0
PCIF0 Output Control. 1= running, 0=forced LOW
Byte 4: DRCG Control Register(all bits are read and write functional)
Bit
@Pup
Name
Description
7
0
SS2 Spread Spectrum control bit (0 = down spread, 1 = center spread)
60
Reserved
5
1
3V66_0
3V66_0 Output Enabled. 1 = enabled, 0 = disabled
4
1
3V66_1/VCH
3V66_1/VCH Output Enable. 1 = enabled, 0 = disabled
3
1
3V66_5
3V66_5 Output Enable. 1 = enabled, 0 = disabled
2
1
66B2/3V66_4
66B2/3V66_4 Output Enabled. 1 = enabled, 0 = disabled
1
1
66B1/3V66_3
66B1/3V66_3 Output Enabled. 1 = enabled, 0 = disabled
0
1
66B0/3V66_2
66B0/3V66_2 Output Enabled. 1 = enabled, 0 = disabled
Byte 5: Clock Control Register (all bits are read and write functional)
Bit
@Pup
Name
Description
7
0
SS1 Spread Spectrum control bit
6
1
SS0 Spread Spectrum control bit
5
0
66IN to 66M delay Control MSB
4
0
66IN to 66M delay Control LSB
30
Reserved
2
0
48M_DOT edge rate control. When set to 1, the edge is slowed by 15%.
10
Reserved
0
0
USB edge rate control. When set to 1, the edge is slowed by 15%
Byte 6: Silicon Signature Register[2] (all bits are read-only)
Bit
@Pup
Name
Description
70
60
50
41
3
0
Vendor Code, 011 = IMI
20
11
01
Note:
2. When writing to this register the device will acknowledge the write operation, but the data itself will be ignored.


Similar Part No. - CY28346ZXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28346ZXC-2T SPECTRALINEAR-CY28346ZXC-2T Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com